| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S6J32BA bảng dữ liệu(PDF) 7 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S6J32BA bảng dữ liệu(HTML) 7 Page - Cypress Semiconductor |
|
7 / 179 page ![]() Document Number: 002-05682 Rev.*A Page 7 of 179 S6J3200 Series Function Description Remark 3D Graphic engine Option See 2.2.1 Vector drawing on 3D engine Option See 2.2.1 3D Driver API Option See 2.2.1 Notes: − The options are described in 2.2. − The described specifications in the table which are related the electric characteristics only show the typical values. They don’t necessarily include the width of characteristics, errors, and so on. They should be seen in the datasheet in detailed. − Target resolution of graphics is WVGA 800 x 480, WQVGA 480 x 272. − Target capture resolution of graphics is WVGA 800 x 480. − |