| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S6E2C2 bảng dữ liệu(PDF) 86 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S6E2C2 bảng dữ liệu(HTML) 86 Page - Cypress Semiconductor |
|
86 / 207 page ![]() Document Number: 002-05030 Rev.*A Page 86 of 207 S6E2C2 Series List of Pin Behavior by Mode State Function Group Power-On Reset or Low- Voltage Detection State INITX Input State Device Internal Reset State Run mode or Sleep mode State Timer mode, RTC mode, or Stop mode State Deep Standby RTC mode or Deep Standby Stop mode State Return From Deep Standby mode State Power Supply Unstable Power Supply Stable Power Supply Stable Power Supply Stable Power Supply Stable Power Supply Stable ‐ INITX=0 INITX=1 INITX=1 INITX=1 INITX=1 INITX=1 ‐ ‐ ‐ ‐ SPL=0 SPL=1 SPL=0 SPL=1 - A GPIO selected Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Hi-Z/interna l input fixed at 0 GPIO selected, internal input fixed at 0 Hi-Z/interna l input fixed at 0 GPIO selected Main crystal oscillator input pin/ external main clock input selected Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input Enabled B GPIO selected Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Hi-Z/interna l input fixed at 0 GPIO selected, internal input fixed at 0 Hi-Z/interna l input fixed at 0 GPIO selected External main clock input selected Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Hi-Z/interna l input fixed at 0 Maintain previous state Hi-Z/interna l input fixed at 0 Maintain previous State Main crystal oscillator output pin Hi-Z/ internal input fixed at 0/ or input enable Hi-Z/ internal input fixed at 0 Hi-Z/ internal input fixed at 0 Maintain previous state while oscillator active/ When oscillation stops* 1, it will be Hi-Z/ Internal input fixed at 0 C INITX input pin Pull-up/ input enabled Pull-up/ Input enabled Pull-up/ Input enabled Pull-up/ Input enabled Pull-up/ Input enabled Pull-up/ Input enabled Pull-up/ Input enabled Pull-up/ Input enabled Pull-up/ Input enabled D Mode input pin Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled E Mode input pin Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled GPIO selected Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Hi-Z/ input enabled GPIO selected Hi-Z/ input enabled GPIO selected |