công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAC7100MPV bảng dữ liệu(PDF) 36 Page - Motorola, Inc

tên linh kiện MAC7100MPV
Giải thích chi tiết về linh kiện  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7100MPV bảng dữ liệu(HTML) 36 Page - Motorola, Inc

Back Button MAC7100MPV Datasheet HTML 32Page - Motorola, Inc MAC7100MPV Datasheet HTML 33Page - Motorola, Inc MAC7100MPV Datasheet HTML 34Page - Motorola, Inc MAC7100MPV Datasheet HTML 35Page - Motorola, Inc MAC7100MPV Datasheet HTML 36Page - Motorola, Inc MAC7100MPV Datasheet HTML 37Page - Motorola, Inc MAC7100MPV Datasheet HTML 38Page - Motorola, Inc MAC7100MPV Datasheet HTML 39Page - Motorola, Inc MAC7100MPV Datasheet HTML 40Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
36
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Device Pin Assignments
4
Device Pin Assignments
The MAC7100 Family is available in 208-pin ball grid array (MAP BGA), 144-pin low profile quad flat
(LQFP), 112-pin LQFP, and 100-pin LQFP package options. The family of devices offer pin-compatible
packaged devices to assist with system development and accommodate a direct application enhancement
path. Refer to Table 1 for a comparison of the peripheral sets and package options for each device.
Most pins perform two or more functions, which is described in more detail in the MAC7100
Microcontroller Family Reference Manual (MAC7100RM/D). Figure 15, Figure 16, Figure 17, Figure 18,
and Figure 19 show the pin assignments for the various packages.
4.1
MAC7141PV Pin Assignments
Figure 15. Pin Assignments for MAC7141 in 100-pin LQFP
PG4
PG5
PG6
PG7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PB8
PF15
PF14
PF13
PF12
PF11
PF10
PF9
PF8
PF7
PB11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
MAC7141
100 LQFP
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
PE9
PE8
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
PA7
PA8
PA9
VDDX
VSSX
PD4
PD3
CLKOUT
PB15
PB14
PB13
PB10
PB9
PB12
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
SS_A
PCSS_A
VSSX
VDDX
N/C
/
/
CNTX_A
CNRX_A
CNTX_B
CNRX_B
SDA
SCL
SIN_A
SOUT_A
SCK_A
PCS0_A
PCS1_A
PCS2_A
PCS5_A
eMIOS15
eMIOS14
eMIOS13
eMIOS12
eMIOS11
eMIOS10
eMIOS9
eMIOS8
eMIOS7
/ PCS2_B
/ AN9_A
/ AN8_A
/ AN7_A
/ AN6_A
/ AN5_A
/ AN4_A
/ AN3_A
/ AN2_A
/ AN1_A
/ AN0_A
/ IRQ
/ XIRQ
/ SIN_B
/ SOUT_B
/ SCK_B
/ PCS5_B
/ PCS0_B
/ PCS1_B
/ RDY'
/ MSEO'
/ MDO1'
/ MDO0'
/ EVTI'
/ EVTO'
/ MCKO'
/ XCLKS
/ PCSS_B
/ SS_B
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48