công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC875ZT80 bảng dữ liệu(PDF) 46 Page - Freescale Semiconductor, Inc

tên linh kiện MPC875ZT80
Giải thích chi tiết về linh kiện  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875ZT80 bảng dữ liệu(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC875ZT80 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
46
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
CPM Electrical Characteristics
Figure 39. Boundary Scan (JTAG) Timing Diagram
13 CPM Electrical Characteristics
This section provides the AC and DC electrical specifications for the communications processor module (CPM) of
the MPC875/870.
13.1 Port C Interrupt AC Electrical Specifications
Table 17 provides the timings for port C interrupts.
Figure 40 shows the port C interrupt detection timing.
Figure 40. Port C Interrupt Detection Timing
Table 17. Port C Interrupt Timing
Num
Characteristic
33.34 MHz
Unit
Min
Max
35
Port C interrupt pulse width low (edge-triggered mode)
55
—
ns
36
Port C interrupt minimum time between active edges
55
—
ns
TCK
Output
Signals
Output
Signals
Output
Signals
J92
J94
J93
J95
J96
Port C
35
36
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com