công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT1947 bảng dữ liệu(PDF) 2 Page - Linear Technology

tên linh kiện LT1947
Giải thích chi tiết về linh kiện  Adjustable Output TFT-LCD Triple Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT1947 bảng dữ liệu(HTML) 2 Page - Linear Technology

  LT1947 Datasheet HTML 1Page - Linear Technology LT1947 Datasheet HTML 2Page - Linear Technology LT1947 Datasheet HTML 3Page - Linear Technology LT1947 Datasheet HTML 4Page - Linear Technology LT1947 Datasheet HTML 5Page - Linear Technology LT1947 Datasheet HTML 6Page - Linear Technology LT1947 Datasheet HTML 7Page - Linear Technology LT1947 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT1947
2
1947f
VIN Voltage ................................................................ 8V
CT Voltage.................................................................. 6V
SW1, SW2 Voltage .................................................. 36V
VON, VO2 Voltage ..................................................... 30V
FB1, FB2 .................................................................... 3V
SHDN ......................................................................... 8V
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
MS PART MARKING
TJMAX = 125°C, θJA = 120°C/W
LTUE
LT1947EMS
(Note 1)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1947 is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, VSHDN = 3.3V unless otherwise specified.
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
2.7
8
V
Supply Current
SHDN = 2.4V
9.5
12.5
mA
SHDN = 0V
1
µA
FB1 Voltage
1.240
1.26
1.280
V
q
1.225
1.295
V
FB2 Voltage
1.225
1.26
1.295
V
q
1.210
1.310
V
Reference Line Regulation
VIN = 2.7V to 8V
0.01
0.05
%/V
Error Amplifier Voltage Gain
EA1 and EA2
100
V/V
CT Current Source
VFB1 = 1.3V
4
5.5
6.5
µA
CT Threshold to Turn On Q3
1.25
1.28
1.30
V
FB1 Voltage to Begin CT Charge
1.17
1.2
1.23
V
SW1 Current Limit
(Note 3)
1.1
1.4
2
A
SW2 Current Limit
(Note 3)
0.35
0.6
1
A
SW1 Saturation Voltage
ISW1 = 800mA
0.230
0.280
V
SW2 Saturation Voltage
ISW2 = 300mA
0.3
0.36
V
SW1 Maximum Duty Cycle
82
%
SW2 Maximum Duty Cycle
85
%
Oscillator Frequency
q
2.3
3
3.5
MHz
VON Switch Drop
IQ3 = 7mA
160
200
mV
SW1 Leakage Current
Switch Off, SW1 = 3.3V
0.01
5
µA
SW2 Leakage Current
Switch Off, SW2 = 3.3V
0.01
5
µA
SHDN Pin Bias Current
VSHDN = 2.4V
10
25
µA
SHDN Pin High
Active Mode
2.4
V
SHDN Pin Low
Shutdown Mode
0.4
V
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
FB1
FB2
CT
SW1
GND
10
9
8
7
6
VON
VO2
SHDN
SW2
VIN
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
ELECTRICAL CHARACTERISTICS
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Switch current limit guaranteed by design and/or correlation to
static tests.
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8