công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HO-P-0010 bảng dữ liệu(PDF) 2 Page - LEM

tên linh kiện HO-P-0010
Giải thích chi tiết về linh kiện  Current Transducer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEM [LEM]
Trang chủ  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO-P-0010 bảng dữ liệu(HTML) 2 Page - LEM

  HO-P-0010 Datasheet HTML 1Page - LEM HO-P-0010 Datasheet HTML 2Page - LEM HO-P-0010 Datasheet HTML 3Page - LEM HO-P-0010 Datasheet HTML 4Page - LEM HO-P-0010 Datasheet HTML 5Page - LEM HO-P-0010 Datasheet HTML 6Page - LEM HO-P-0010 Datasheet HTML 7Page - LEM HO-P-0010 Datasheet HTML 8Page - LEM HO-P-0010 Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Page 2/15
16July2015/Version 5
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO 60 .. 250-P series
Absolute maximum ratings
Parameter
Symbol
Unit
Value
Supply voltage (not destructive)
U
C
V
8
Supply voltage (not entering non standard modes)
U
C
V
6.5
Primary conductor temperature
T
B
°C
120
ESD rating, Human Body Model (HBM)
U
ESD
kV
2
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum ratings for extended periods may
degrade reliability.
UL 508: Ratings and assumptions of certification
File # E189713 Volume: 2 Section: 5
Standards
● CSA C22.2 NO. 14-10 INDUSTRIAL CONTROL EQUIPMENT - Edition 11 - Revision Date 2011/08/01
● UL 508 STANDARD FOR INDUSTRIAL CONTROL EQUIPMENT - Edition 17 - Revision Date 2010/04/15
Ratings
Parameter
Symbol
Unit
Value
Primary involved potential
V AC/DC
600
Max surrounding air temperature
T
A
°C
105
Primary current
I
P
A
According to series primary
current
Secondary supply voltage
U
C
V DC
5
Output voltage
V
out
V
0 to 5
Conditions of acceptability
1 - These devices have been evaluated for overvoltage category III and for use in pollution degree 2 environment.
2 - A suitable enclosure shall be provided in the end-use application.
3 - The terminals have not been evaluated for field wiring.
4 - These devices are intended to be mounted on a printed wiring board of end use equipment. The suitability of the
connections (including spacings) shall be determined in the end-use application.
5 - Primary terminals shall not be straightened since assembly of housing case depends upon bending of the terminals.
6 - Any surface of polymeric housing have not been evaluated as insulating barrier.
7 - Low voltage control circuit shall be supplied by an isolating source (such as a transformer, optical isolator,
limiting impedance or electro-mechanical relay).
10 - The jumper installed within the primary hole is only intended for fixing the sensor and not for carrying the primary current.
Marking
Only those products bearing the UR Mark should be considered to be Listed or Recognized and covered under UL's Follow-Up
Service. Always look for the Mark on the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com