| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
COP888CF bảng dữ liệu(PDF) 26 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP888CF bảng dữ liệu(HTML) 26 Page - National Semiconductor (TI) |
|
26 / 44 page ![]() Interrupts (Continued) TABLE 3. Interrupt Vector Table Arbitration Source Description Vector Address Ranking Hi-Low Byte (1) Highest Software INTR Instruction 0yFE–0yFF Reserved for Future Use 0yFC–0yFD (2) External Pin G0 Edge 0yFA–0yFB (3) Timer T0 Underflow 0yF8–0yF9 (4) Timer T1 T1A/Underflow 0yF6–0yF7 (5) Timer T1 T1B 0yF4–0yF5 (6) MICROWIRE/PLUS BUSY Goes Low 0yF2–0yF3 Reserved for Future Use 0yF0–0yF1 Reserved for UART 0yEE–0yEF Reserved for UART 0yEC–0yED (7) Timer T2 T2A/Underflow 0yEA–0yEB (8) Timer T2 T2B 0yE8–0yE9 Reserved for Future Use 0yE6–0yE7 Reserved for Future Use 0yE4–0yE5 (9) Port L/Wakeup Port L Edge 0yE2–0yE3 (10) Lowest Default VIS Instr. Execution without Any Interrupts 0yE0–0yE1 Note 19: y is a variable which represents the VIS block. VIS and the vector table must be located in the same 256-byte block except if VIS is located at the last ad- dress of a block. In this case, the table must be in the next block. VIS Execution When the VIS instruction is executed it activates the arbitra- tion logic. The arbitration logic generates an even number between E0 and FE (E0, E2, E4, E6 etc...) depending on which active interrupt has the highest arbitration ranking at the time of the 1st cycle of VIS is executed. For example, if the software trap interrupt is active, FE is generated. If the external interrupt is active and the software trap interrupt is not, then FA is generated and so forth. If the only active inter- rupt is software trap, than E0 is generated. This number re- places the lower byte of the PC. The upper byte of the PC re- mains unchanged. The new PC is therefore pointing to the vector of the active interrupt with the highest arbitration rank- ing. This vector is read from program memory and placed into the PC which is now pointed to the 1st instruction of the service routine of the active interrupt with the highest arbitra- tion ranking. Figure 14 illustrates the different steps performed by the VIS instruction. Figure 15 shows a flowchart for the VIS instruc- tion. The non-maskable interrupt pending flag is cleared by the RPND (Reset Non-Maskable Pending Bit) instruction (under certain conditions) and upon RESET. www.national.com 26 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |