công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

COP684CL-XXX/WM bảng dữ liệu(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện COP684CL-XXX/WM
Giải thích chi tiết về linh kiện  General Description
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP684CL-XXX/WM bảng dữ liệu(HTML) 14 Page - National Semiconductor (TI)

Back Button COP684CL-XXX/WM Datasheet HTML 10Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 11Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 12Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 13Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 14Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 15Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 16Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 17Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Control Registers (Continued)
T1C0
Timer T1 StartStop control in timer
modes 1 and 2
Timer T1 Underflow Interrupt Pending Flag in
timer mode 3
T1C1
Timer T1 mode control bit
T1C2
Timer T1 mode control bit
T1C3
Timer T1 mode control bit
T1C3 T1C2 T1C1 T1C0 MSEL IEDG
SL1
SL0
Bit 7
Bit 0
PSW Register (Address X 00EF)
The PSW register contains the following select bits
GIE
Global interrupt enable (enables interrupts)
EXEN
Enable external interrupt
BUSY
MICROWIREPLUS busy shifting flag
EXPND
External interrupt pending
T1ENA
Timer T1 Interrupt Enable for Timer Underflow
or T1A Input capture edge
T1PNDA Timer T1 Interrupt Pending Flag (Autoreload RA
in mode 1 T1 Underflow in Mode 2 T1A cap-
ture edge in mode 3)
C
Carry Flag
HC
Half Carry Flag
HC
C T1PNDA T1ENA EXPND BUSY EXEN GIE
Bit 7
Bit 0
The Half-Carry bit is also affected by all the instructions that
affect the Carry flag The SC (Set Carry) and RC (Reset
Carry) instructions will respectively set or clear both the car-
ry flags In addition to the SC and RC instructions ADC
SUBC RRC and RLC instructions affect the carry and Half
Carry flags
ICNTRL Register (Address X 00E8)
The ICNTRL register contains the following bits
T1ENB
Timer T1 Interrupt Enable for T1B Input capture
edge
T1PNDB Timer T1 Interrupt Pending Flag for T1B cap-
ture edge
m
WEN
Enable MICROWIREPLUS interrupt
m
WPND MICROWIREPLUS interrupt pending
T0EN
Timer T0 Interrupt Enable (Bit 12 toggle)
T0PND
Timer T0 Interrupt pending
LPEN
L Port Interrupt Enable (Multi-Input WakeupIn-
terrupt)
Bit 7 could be used as a flag
Unused LPEN T0PND T0EN mWPND mWEN T1PNDB T1ENB
Bit 7
Bit 0
T2CNTRL Register (Address X 00C6)
The T2CNTRL register contains the following bits
T2ENB
Timer T2 Interrupt Enable for T2B Input capture
edge
T2PNDB Timer T2 Interrupt Pending Flag for T2B cap-
ture edge
T2ENA
Timer T2 Interrupt Enable for Timer Underflow
or T2A Input capture edge
T2PNDA Timer T2 Interrupt Pending Flag (Autoreload RA
in mode 1 T2 Underflow in mode 2 T2A cap-
ture edge in mode 3)
T2C0
Timer T2 StartStop control in timer modes 1
and 2 Timer T2 Underflow Interrupt Pending
Flag in timer mode 3
T2C1
Timer T2 mode control bit
T2C2
Timer T2 mode control bit
T2C3
Timer T2 mode control bit
T2C3 T2C2 T2C1 T2C0 T2PNDA T2ENA T2PNDB T2ENB
Bit 7
Bit 0
Timers
The device contains a very versatile set of timers (T0 T1
T2) All timers and associated autoreloadcapture registers
power up containing random data
Figure 6 shows a block diagram for the timers
http
www nationalcom
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com