| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45DB642 bảng dữ liệu(PDF) 13 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB642 bảng dữ liệu(HTML) 13 Page - ATMEL Corporation |
|
13 / 37 page ![]() 13 AT45DB642 1638F–DFLSH–09/02 Note: P = Page Address Bit B = Byte/Buffer Address Bit x= Don’tCare * 4 Bytes for Serial Interface 60 Bytes for Parallel Interface Table 4. Detailed Bit-level Addressing Sequence Opcode Opcode Address Byte Address Byte Address Byte Additional Don’t Care Bytes Required 50H 0 1010000 PPPPPPPPPP xxx xxxxxxxxxxx N/A 52H 0 1010010 PPPPPPPPPPPPP BBBBBBBBBBB 4or 60 Bytes* 53H 0 1010011 PPPPPPPPPPPPP xxxxxxxxxxx N/A 54H 0 1010100 xxxxxxxxxxxxx BBBBBBBBBBB 1Byte 55H 0 1010101 PPPPPPPPPPPPP xxxxxxxxxxx N/A 56H 0 1010110 xxxxxxxxxxxxx BBBBBBBBBBB 1Byte 57H 0 1010111 N/A N/A N/A N/A 58H 0 1011000 PPPPPPPPPPPPP xxxxxxxxxxx N/A 59H 0 1011001 PPPPPPPPPPPPP xxxxxxxxxxx N/A 60H 0 1100000 PPPPPPPPPPPPP xxxxxxxxxxx N/A 61H 0 1100001 PPPPPPPPPPPPP xxxxxxxxxxx N/A 68H 0 1101000 PPPPPPPPPPPPP BBBBBBBBBBB 4or 60 Bytes* 69H 0 1101001 PPPPPPPPPPPPP BBBBBBBBBBB 4or 60 Bytes* 81H 1 0000001 PPPPPPPPPPPPP xxxxxxxxxxx N/A 82H 1 0000010 PPPPPPPPPPPPP BBBBBBBBBBB N/A 83H 1 0000011 PPPPPPPPPPPPP xxxxxxxxxxx N/A 84H 1 0000100 xxxxxxxxxxxxx BBBBBBBBBBB N/A 85H 1 0000101 PPPPPPPPPPPPP BBBBBBBBBBB N/A 86H 1 0000110 PPPPPPPPPPPPP xxxxxxxxxxx N/A 87H 1 0000111 xxxxxxxxxxxxx BBBBBBBBBBB N/A 88H 1 0001000 PPPPPPPPPPPPP xxxxxxxxxxx N/A 89H 1 0001001 PPPPPPPPPPPPP xxxxxxxxxxx N/A D2H 1 1010010 PPPPPPPPPPPPP BBBBBBBBBBB 4or 60 Bytes* D4H 1 1010100 xxxxxxxxxxxxx BBBBBBBBBBB 1Byte D6H 1 1010110 xxxxxxxxxxxxx BBBBBBBBBBB 1Byte D7H 1 1010111 N/A N/A N/A N/A E8H 1 1101000 PPPPPPPPPPPPP BBBBBBBBBBB 4or 60 Bytes* E9H 1 1101001 PPPPPPPPPPPPP BBBBBBBBBBB 4or 60 Bytes* |