| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RSC5-7 bảng dữ liệu(PDF) 136 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
RSC5-7 bảng dữ liệu(HTML) 136 Page - Lumberg |
|
136 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 136 Industrial Ethernet Ethernet-Switches and Adapters FWD 5 FWD 5 FWD 5 FWD 5 FWD 5 0982 EEC 100 0982 EEC 101 0981 ENC 100 0981 ENC 102 Part No. 0982 EEC 100 Part No. 0982 EEC 101 Part No. 0981 ENC 100 Part No. 0981 ENC 102 Part No. 0985 342 100/1 M 0985 342 100/2 M 0985 342 100/3 M 0985 342 100/5 M Ethernet-Switch, IP 67, 5-Port Unmannaged Switch for 10/100 Mbaud Transmission Rates, M12-Sockets, 4-Poles, D-Coding, M12 Power Supply, 5-Poles Standard Coding. – suitable for Ethernet/IP or ProfiNet applications – Ethernet-Switch, IP 67, 5-Port Unmannaged Switch for 10/100 Mbaud Transmission Rates, M12-Sockets, 8-Poles, M12 Power Supply, 5-Poles Standard Coding. – suitable for Modbus/TCP applications – Ethernet-Panel-Mount-Adapter, M12-Female, D-Coding Connector, Chasis Side Thread PG 9, RJ45-Female Connctor 90 ˚. – suitable for Ethernet/IP or ProfiNet applications – Ethernet-Panel-Mount-Adapter, M12-Female, 8-Pole Connector, Chasis Side Thread PG 9, RJ45-Female Connctor 90 ˚. – suitable for Modbus/TCP applications – Industrial Ethernet Double-Ended Data Cable (molded on both sides) According to PROFInet Type C with M12-Male Connectors, D-Coding. 0985 342 100/...M: 4-Pin, M12 Straight Male to M12 Straight Male, IP 65/ IP 67 Rated. – suitable for PROFInet applications – 0985 342 100/...M |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |