công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASBSV8-LED5 bảng dữ liệu(PDF) 126 Page - Lumberg

tên linh kiện ASBSV8-LED5
Giải thích chi tiết về linh kiện  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUMBERG [Lumberg]
Trang chủ  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV8-LED5 bảng dữ liệu(HTML) 126 Page - Lumberg

Back Button ASBSV8-LED5 Datasheet HTML 122Page - Lumberg ASBSV8-LED5 Datasheet HTML 123Page - Lumberg ASBSV8-LED5 Datasheet HTML 124Page - Lumberg ASBSV8-LED5 Datasheet HTML 125Page - Lumberg ASBSV8-LED5 Datasheet HTML 126Page - Lumberg ASBSV8-LED5 Datasheet HTML 127Page - Lumberg ASBSV8-LED5 Datasheet HTML 128Page - Lumberg ASBSV8-LED5 Datasheet HTML 129Page - Lumberg ASBSV8-LED5 Datasheet HTML 130Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
126
Profibus
Profibus-DP-Receptacles, Field Attachable Connectors
Receptacle Connector, M12 Male, 5-Poles, B-Coding,
For Front Mounting, Print Contacts, Chassis Side
Thread PG 9.
0976 PMC 152
Part No.
0976 PMC 152
Receptacle Connector, M12 Female, 5-Pole, B-Coding,
For Front Mounting, Printed Contacts, Chassis Side
Thread PG 9 (Panel Nut RSKF 9).
0976 PFC 152
Part No.
0976 PFC 152
0976 PMC 101
Part No.
0976 PMC 101
M12 Field Attachable, Male Straight
Field Attachable Connector, M12 Male Straight,
5-Poles, B-Coding with Threaded Joint, Shieldable,
Assembling with Screw Terminals. IP 67 Rated.
– especially suitable for Profibus Signal Cable:
0975 254 000/...M –
Screw Joints for Cables
All:
Ø 4,0-9.0 mm
0976 PFC 101
Part No.
0976 PFC 101
M12 Field Attachable, Female Straight
Field Attachable Connector, M12 Female Straight,
5-Poles, B-Coding with Threaded Joint, Shieldable,
Assembling with Screw Terminals. IP 67 Rated.
– especially suitable for Profibus Signal Cable:
0975 254 000/...M –
Screw Joints for Cables
All:
Ø 4,0-9.0 mm
0976 PMC 102
Part No.
0976 PMC 102
M12 Field Attachable, Male Straight
Field Attachable Connector, M12 Male Straight,
5-Poles, B-Coding with Threaded Joint, Shieldable,
Assembling with Spring-Type Terminals. IP 67 Rated.
– especially suitable for Profibus Signal Cable:
0975 254 000/...M –
Screw Joints for Cables
All:
Ø 4,0-9.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com