| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASBSV8-LED5 bảng dữ liệu(PDF) 71 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV8-LED5 bảng dữ liệu(HTML) 71 Page - Lumberg |
|
71 / 178 page ![]() www.lumberg-automationusa.com 1-717-217-2299 71 M12-Round Connectors In Accordance with IEC 61076-2-101 M12-Field Attachable Connectors RSCS | 0976 PMC 101 RSCQS | 0976 PMC 102 | 0986 EMC 102 Part No. RSCS 4/9 RSCS 5/9 RSCS 8/9 0976 PMC 101 Part No. RSCQS 3/9 RSCQS 4/9 0976 PMC 102 0986 EMC 102 M12 Field Attachable, Male Straight Field Attachable Connector, M12 Male Straight, 4-, 5- and 8-Poles with Threaded Joint, Shieldable, Assembling with Screw Terminals. IP 67 Rated. 0976 PMC 101: 5-Poles (only), B Coding, especially suitable for Profibus Signal Cable: 0975 254 000/...M Screw Joints for Cables All: Ø 4,0-9.0 mm M12 Field Attachable, Male Straight Field Attachable Connector, M12 Male Straight, 3-, 4- and 5-Poles with Threaded Joint, Shieldable, Assembling with Spring-Type Terminals. IP 67 Rated. 0976 PMC 102: 5-Poles (only), B Coding, especially suitable for Profibus Signal Cable: 0975 254 000/...M 0986 EMC 102: 4-Poles (only), D Coding, especially designed for Industrial Ethernet and Profinet data cable 0985 342 00/...M Screw Joints for Cables All: Ø 4,0-9.0 mm RKC RKCW M12 Field Attachable, Female Straight Field Attachable Connector, M12 Female Straight 3-, 4-, 5- and 8-Poles with Threaded Joint, Assembling with Screw Terminals. IP 67 Rated. Screw Joints for Cables 3/7: Ø 3,5-6,5 mm 3/9: Ø 4,0-8,0 mm 4/7: Ø 3,0-6,5 mm 4/9: Ø 4,0-8,0 mm 5/7: Ø 3,5-6,5 mm 5/9: Ø 4,0-8,0 mm 8/9: Ø 4,0-8,0 mm M12 Field Attachable, Female 90˚ Field Attachable Connector, M12 Female 90 ˚ 3-, 4-, 5- and 8-Poles with Threaded Joint, Assembling with Screw Terminals. IP 67 Rated. Screw Joints for Cables 3/7: Ø 3,5-6,5 mm 3/9: Ø 4,0-8,0 mm 4/7: Ø 3,0-6,5 mm 4/9: Ø 4,0-8,0 mm 5/7: Ø 3,5-6,5 mm 5/9: Ø 4,0-8,0 mm 8/9: Ø 4,0-8,0 mm Part No. RKC 4/3/7 RKC 4/3/9 RKC 4 /7 RKC 4 /9 RKC 5/7 RKC 5/9 RKC 8/9 Part No. RKCW 4/3/7 RKCW 4/3/9 RKCW 4 /7 RKCW 4 /9 RKCW 5/7 RKCW 5/9 RKCW 8/9 Field Attachable Connectors |