| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASBSV8-LED5 bảng dữ liệu(PDF) 103 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV8-LED5 bảng dữ liệu(HTML) 103 Page - Lumberg |
|
103 / 178 page ![]() www.lumberg-automationusa.com 1-717-217-2299 103 AS-Interface AS-Interface Passive Modules and Accessories 0911 ANC 403 0911 ANC 101 0911 ANC 401 0911 ANC 407/...M 0911 ANC 410/...M 0911 ANC 408 | 0911 ANC 406 AS-Interface Passive Module to Connect 4 AS-Interface Sensors, AS-Interface Actuators or AS-Interface Round Cable modules, 4 ports, M12 Socket, with Connection for AS-Interface Standard Flat Cables. AS-Interface Branch to Connect AS-Interface Slaves via a M12 Connector with a Flat Cable System. AS-Interface Branch to Connect Two Flat Cables (Opening of an AS-Interface Branch or Additional Voltage Supply). AS-Interface Connector for Direct Connection to a Wired Male Connector: Reusable Access Technology to IEC 60352-6. AS-Interface Connector 0911 ANC 406 is Included with the Delivered Product. AS-Interface Connector for Direct Connection to Two wired Male Connectors: Reusable Access Technology to IEC 60352-6. AS-Interface Connector 0911 ANC 406 is Included with the Delivered Product. AS-Interface Cable Connector, Used for Distribution of Connections or as Connector: Reusable Access Technology to IEC 60352-6. AS-Interface Connector 0911 ANC 406 is Included with the Delivered Product. Part No. 0911 ANC 403 Part No. 0911 ANC 101 Part No. 0911 ANC 401 Part No. 0911 ANC 407/2 M 0911 ANC 407/5 M 0911 ANC 407/10 M Part No. 0911 ANC 410/0,3 M 0911 ANC 410/0,6 M 0911 ANC 410/1 M 0911 ANC 410/2 M 0911 ANC 410/5 M 0911 ANC 410/10 M 0911 ANC 410/15 M Part No. 0911 ANC 408 0911 ANC 406 |