| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASBSV6-LED5 bảng dữ liệu(PDF) 113 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV6-LED5 bảng dữ liệu(HTML) 113 Page - Lumberg |
|
113 / 178 page ![]() www.lumberg-automationusa.com 1-717-217-2299 113 DeviceNet DeviceNet Taps | Terminating Resistors M12-Female - 2x7/8” Male/Female T-Splitter, 5-Poles with One M12 Female, One 7/8” Male and One 7/8” Female Connector, IP 67 Rated. 0906 UTP 302 Part No. 0906 UTP 302 M12 7/8” A 7/8” B 7/8”-Female - 2x7/8” Female/Male T-Splitter, 3-Poles with One 7/8” Female, One 7/8” Female and One 7/8” Male Connector, IP 67 Rated. 7/8”-Female - 2x7/8” Female/Male T-Splitter, 4-Poles with One 7/8” Female, One 7/8” Male and One 7/8” Female Connector, IP 67 Rated. DeviceNet Terminating Resistor, M12 Male Connector, 5 Poles. DeviceNet Terminating Resistor, M12 Male Connector, 5 Poles. DeviceNet Terminating Resistor, M12 Female Connector, 5 Poles. 0906 UTP 303 0906 UTP 312 0939 CTX 101 0939 CTX 105 0939 CTX 102 Part No. 0906 UTP 303 Part No. 0906 UTP 312 Part No. 0939 CTX 101 Part No. 0939 CTX 105 Part No. 0939 CTX 102 7/8” 7/8” A 7/8” B 7/8” 7/8” A 7/8” B DeviceNet |