| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASBSV6-LED5 bảng dữ liệu(PDF) 34 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV6-LED5 bảng dữ liệu(HTML) 34 Page - Lumberg |
|
34 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 34 M8 Male Straight – M8 Female Straight M8 Cordsets, Double Ended, Male Straight to Female Straight with Threaded Connector 3-Poles and Molded Cable. IP 67 Rated. Cable Types: 224 = PUR, halogen-free, black M8 Male Straight – M8 Female 90˚ M8 Cordsets, Double Ended, Male Straight to Female 90˚ with Threaded Connector 3-Poles and Molded Cable. IP 67 Rated. Cable Types: 224 = PUR, halogen-free, black M8 Male Straight – M8 Female 90˚ (LED) M8 Cordsets, Double Ended, Male Straight to Female 90˚ with LED and Threaded Connector 3-Poles and Molded Cable. IP 67 Rated. Cable Types: 224 = PUR, halogen-free, black M8 Male Straight – M12 Female Straight M8 Cordsets, Double Ended, M8 Male Straight to M12 Female Straight with Threaded Connector 3-Poles and Molded Cable. IP 67 Rated. Cable Types: 224 = PUR, halogen-free, black RSMV-RKMV RSMV-RKMWV RSMV-RKMWV/LED RSMV-RKT Part No. RSMV 3-RKMV 3-224/0,6 RSMV 3-RKMV 3-224/1 M RSMV 3-RKMV 3-224/2 M Part No. RSMV 3-RKMWV 3-224/0,6 M RSMV 3-RKMWV 3-224/1 M RSMV 3-RKMWV 3-224/2 M Part No. RSMV 3-RKMWV/LED A 3-224/0,6 M RSMV 3-RKMWV/LED A 3-224/1 M RSMV 3-RKMWV/LED A 3-224/2 M Part No. RSMV 3-RKT 4-3-224/0,6 M RSMV 3-RKT 4-3-224/1 M RSMV 3-RKT 4-3-224/2 M M8-Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes Connector Types: M8-M8 and M8-M12 M8 Male Straight – M8 Female Snap-In M8 Cordsets, Double Ended, Male Straight with Threaded Joint to Female Straight (Snap-In) Connector 3-Poles and Molded Cable. IP 67 / IP 65 Rated. Cable Types: 224 = PUR, halogen-free, black RSMV-RKM Part No. RSMV 3-RKM 3-224/0,6 RSMV 3-RKM 3-224/1 M RSMV 3-RKM 3-224/2 M |