công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASBS4-LED5-4 bảng dữ liệu(PDF) 35 Page - Lumberg

tên linh kiện ASBS4-LED5-4
Giải thích chi tiết về linh kiện  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUMBERG [Lumberg]
Trang chủ  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 bảng dữ liệu(HTML) 35 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 31Page - Lumberg ASBS4-LED5-4 Datasheet HTML 32Page - Lumberg ASBS4-LED5-4 Datasheet HTML 33Page - Lumberg ASBS4-LED5-4 Datasheet HTML 34Page - Lumberg ASBS4-LED5-4 Datasheet HTML 35Page - Lumberg ASBS4-LED5-4 Datasheet HTML 36Page - Lumberg ASBS4-LED5-4 Datasheet HTML 37Page - Lumberg ASBS4-LED5-4 Datasheet HTML 38Page - Lumberg ASBS4-LED5-4 Datasheet HTML 39Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
35
M12 Male Straight – M8 Female Snap-In
M12 Cordsets, Double Ended, M12 Male Straight with
Threaded Connector to M8 Female Straight (Snap-In)
3-Poles and Molded Cable. IP 67 / IP 65 Rated.
Cable Types:
224
= PUR, halogen-free, black
M12 Male Straight – M8 Female
M12 Cordsets, Double Ended, M12 Male Straight to
M8 Female Straight with Threaded Connector 3-Poles
and Molded Cable. IP 67 Rated.
Cable Types:
224
= PUR, halogen-free, black
M12 Male Straight – M8 Female (LED)
M12 Cordsets, Double Ended, M12 Male Straight to
M8 Female Straight with LED, Threaded Connector
3-Poles and Molded Cable. IP 67 Rated.
Cable Types:
224
= PUR, halogen-free, black
RST-RKM
RST-RKMV
RST-RKMV/LED
Part No.
RST 3-RKM 3-224/0,3 M
RST 3-RKM 3-224/0,6 M
RST 3-RKM 3-224/1 M
RST 3-RKM 3-224/1,5 M
RST 3-RKM 3-224/2 M
RST 3-RKM 3-224/5 M
Part No.
RST 3-RKMV 3-224/0,3 M
RST 3-RKMV 3-224/0,6 M
RST 3-RKMV 3-224/1 M
RST 3-RKMV 3-224/2 M
RST 3-RKMV 3-224/5 M
RST 3-RKMV 3-224/1,5 M
Part No.
RST 3-RKMW/LED A 3-224/0,3 M
RST 3-RKMW/LED A 3-224/0,6 M
RST 3-RKMW/LED A 3-224/1 M
RST 3-RKMW/LED A 3-224/1,5 M
RST 3-RKMW/LED A 3-224/2 M
RST 3-RKMW/LED A 3-224/5 M
M8-Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes
Connector Types: M8-M12 and M12-M8
M8 Male Straight – M12 Female 90˚
M8 Cordsets, Double Ended, M8 Male Straight to M12
Female 90˚ with Threaded Connector 3-Poles and
Molded Cable. IP 67 Rated.
Cable Types:
224
= PUR, halogen-free, black
M8 Male Straight – M12 Female 90˚ (LED)
M8 Cordsets, Double Ended, M8 Male Straight to
M12 Female 90˚ with LED and Threaded Connector
3-Poles and Molded Cable. IP 67 Rated.
Cable Types:
224
= PUR, halogen-free, black
RSMV-RKWT
RSMV-RKWT/LED
Part No.
RSMV 3-RKWT 4-3-224/0,6 M
RSMV 3-RKWT 4-3-224/1 M
RSMV 3-RKWT 4-3-224/2 M
Part No.
RSMV 3-RKWT/LED A 4-3-224/0,6 M
RSMV 3-RKWT/LED A 4-3-224/1 M
RSMV 3-RKWT/LED A 4-3-224/2 M
Cordsets
Double-Ended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More