công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC03-2 bảng dữ liệu(PDF) 11 Page - List of Unclassifed Manufacturers

tên linh kiện SC03-2
Giải thích chi tiết về linh kiện  Drop Wire Clamps for CATV and Telephone Cable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SC03-2 bảng dữ liệu(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SC03-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC03-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC03-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC03-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC03-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC03-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers SC03-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers SC03-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers SC03-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
16
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Drop Hardware
Cable Clips
"U" Cable Clip
• Pre-formed aluminum cable clip used to secure drop cables and ground wires to either
wood or masonry surfaces using self-tapping screws.
Part Number
Description
Inner
Pack
Outer
Pack
SC19-1
"U" Cable Clip RG59- 6MM
500
10,000
SC20-1
"U" Cable Clip for Series 6 Cable -7MM
500
10,000
SC20-D6
"U" Cable Clip for Dual RG-6 Cable
400
8,000
SC21-1
"U" Cable Clip for #12AWG to #14AWG Ground Wire.
500
10,000
SC21-2
U" Cable Clip for #6AWG to #10AWG Ground Wire.
500
10,000
SC22-1
"U" Cable Clip RG11 - 10MM
400
8,000
Screw and Snap® Clips (Patented)
• Used to secure coaxial cable and ground wire runs to wood, masonry, stucco, brick or
concrete.
• For concrete or brick drill .138” pilot hole. Screw will cut threads in hole.
• Convenient strips of ten clips snap off after installation.
• Cable size stamped on clips (aluminum).
• Screw hardened and treated for 500 hour salt spray resistance. ASTM B117.
• Plastic plugs secure screws to strip and prevent torquing.
• Handy holder included in every 30 strip carton.
Part Number
Description
Screw Size
Cable Size
Inner
Pack
Outer
Pack
24-88013
Screw & Snap Clips
#8 x 3/4"
Series 6
30
300
24-88014
Screw & Snap Clips
#8 x 3/4"
Series 59
30
300
24-88016
Screw & Snap Clips
#8 x 3/4"
10-14 AWG
30
300
24-88017
Screw & Snap Clips
#8 x 3/4"
Series 6Q
30
300
24-88027
Screw & Snap Clips
#8 x 3/4"
Series 11
30
300
*Screw N Snap can be used to attach cable to wood, masonry and concrete when a
.138" pilot hole is drilled and fitted with a Diamond Plastic Screw Anchor, Diamond
part number, 12-08210.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com