| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TW2802 bảng dữ liệu(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TW2802 bảng dữ liệu(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 80 page ![]() Preliminary TW2804/TW2802 Multiple Video Decoder Techwell, Inc. www.techwellinc.com Datasheet Rev. 2.4 09/09/2003 21 Table 3 The recommended values of sensitivity parameters for a proper operation LVLSENS TMPSENS SPTSENS More Sensitive Less Sensitive 0 7 ~ 10 1 3 ~ 9 2 2 ~ 8 0 3 2 ~ 7 0 3 ~ 9 1 2 ~ 8 2 2 ~ 7 1 3 2 ~ 6 0 3 ~ 8 1 2 ~ 7 2 1 ~ 6 2 3 1 ~ 5 0 3 ~ 7 1 1 ~ 6 2 1 ~ 5 3 3 1 ~ 4 Velocity Control Motion has various velocities. That is, in a fast motion an object appears and disappears rapidly between the adjacent fields while in a slow motion it is to the contrary. As the built-in motion detection algorithm uses the luminance level difference between two adjacent fields, a slow motion is inferior in detection rate to a fast motion. To compensate this weakness, the MDPERIOD parameter is used. MDPERIOD parameter adjusts the field interval in which the luminance level is compared. Thus, for detection of a fast motion a small value is needed and for a slow motion a large value is required. The parameter MDPERIOD value should be greater than TMPSENS value. |