| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431B bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL431B bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 40 page ![]() TL431, TL431A, TL431B, TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543A – AUGUST 2004 − REVISED AUGUST 2004 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) Vref TOLERANCE (25°C) = 1% TL431A, TL432A ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING‡ PDIP (P) Tube of 50 TL431AIP TL431AIP SC-70 (DCK) Reel of 3000 TL431AIDCKR TBD SC-70 (DCK) Reel of 250 TL431AIDCKT TBD SOIC (D) Tube of 75 TL431AID 431AI SOIC (D) Reel of 2500 TL431AIDR 431AI Reel of 3000 TL431AIDBVR TAI_ SOT-23-5 (DBV) Reel of 250 TL431AIDBVT TAI_ SOT-23-5 (DBV) Reel of 3000 TL432AIDBVR T4A_ −40 °C to 85°C Reel of 250 TL432AIDBVT T4A_ −40 C to 85 C Reel of 3000 TL431AIDBZR TAI_ SOT-23-3 (DBZ) Reel of 250 TL431AIDBZT TAI_ SOT-23-3 (DBZ) Reel of 3000 TL432AIDBZR T4A_ Reel of 250 TL432AIDBZT T4A_ SOT-89 (PK) Reel of 1000 TL431AIPK 4B Bulk of 1000 TL431AILP TO-226/TO-92 (LP) Ammo of 2000 TL431AILPM TL431AI TO-226/TO-92 (LP) Reel of 2000 TL431AILPR TL431AI Reel of 3000 TL431AQDBVR TBD SOT-23-5 (DBV) Reel of 250 TL431AQDBVR TBD SOT-23-5 (DBV) Reel of 3000 TL432AQDBVR TBD −40 °C to 125°C Reel of 250 TL432AQDBVT TBD −40 °C to 125°C Reel of 3000 TL431AQDBZR TBD SOT-23-3 (DBZ) Reel of 250 TL431AQDBZT TBD SOT-23-3 (DBZ) Reel of 3000 TL432AQDBZR TBD Reel of 250 TL432AQDBZT TBD † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site. |