| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS950201GLF-T bảng dữ liệu(PDF) 4 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS950201GLF-T bảng dữ liệu(HTML) 4 Page - Integrated Circuit Systems |
|
4 / 16 page ![]() 4 Integrated Circuit Systems, Inc. ICS950201 0460G—08/31/04 Byte 0: Control Register Byte 1: Control Register Notes: 1. R= Read only RW= Read and Write 2. PWD = Power on Default 3. The purpose of this bit is to allow a system designer to implement PCI_STOP functionality in one of two ways. Wither the system designer can choose to use the externally provided PCI_STOP# pin to assert and de-assert PCI_STOP functionality via I 2C Byte 0 Bit 3. In Hardware mode it is not allowed to write to the I 2C Byte 0 Bit3. In Software mode it is not allowed to pull the external PCI_STOP pin low. This avoids the issues related with Hardware started and software stopped PCI_STOP conditions. The clock chip is to be operated in the Hardware or Software PCI_STOP mode ONLY, it is not allowed to mix these modes. In Hardware mode the I 2C byte 0 Bit 3 is R/W and should reflect the status of the part. Whether or not the chip is in PCI_STOP mode. Functionality PCI_STOP mode should be entered when [(PCI_STOP#=0) or (I 2C Byte 0 Bit 3 = 0)]. 4. For disabled clocks, they stop low for single ended clocks. Differential CPU clocks stop with CPUCLKT at high, CPUCLKC off, and external resistor termination will bring CPUCLKC low. t i B# n i Pe m a ND W P 2 e p y T 1 n o i t p i r c s e D 0 t i B4 50 S FX R n o d e l p m a s n i p 0 S F f o e u l a v e h t s t c e l f e R p u r e w o p 1 t i B5 51 S FX R n o d e l p m a s n i p 1 S F f o e u l a v e h t s t c e l f e R p u r e w o p 2 t i B0 42 S FX R n o d e l p m a s n i p 2 S F f o e u l a v e h t s t c e l f e R p u r e w o p 3 t i B4 3# P O T S _ I C P 3 XR f o e u l a v e h t s t c e l f e R : e d o m e r a w d r a H D W P n o d e l p m a s n i p # P O T S _ I C P 1W R : e d o m e r a w t f o S d e p p o t s K L C I C P = 0 d e p p o t s t o n K L C I C P = 1 4 t i B3 5# P O T S _ U P CX R l a n r e t x e e h t f o e u l a v t n e r r u c e h t s t c e l f e R n i p # P O T S _ U P C 5 t i B5 3H C V / 1 _ 6 6 V 30 W R z H M 8 4 / z H M 6 6 t c e l e S H C V z H M 8 4 = 1 , z H M 6 6 = 0 6 t i B- 0 ) d e v r e s e R ( 7 t i B- d a e r p S d e l b a n E 0W Rn O d a e r p S = 1 , f f O d a e r p S = 0 t i B# n i Pe m a ND W P 2 e p y T 1 n o i t p i r c s e D 0 t i B1 5 , 2 5 0 T K L C U P C 0 C K L C U P C 1W Rd e l b a n E = 1 d e l b a s i D = 0 4 1 t i B8 4 , 9 4 1 T K L C U P C 1 C K L C U P C 1W Rd e l b a n E = 1 d e l b a s i D = 0 4 2 t i B4 4 , 5 4 2 T K L C U P C 2 C K L C U P C 1W Rd e l b a n E = 1 d e l b a s i D = 0 4 3 t i B1 5 , 2 5 0 T K L C U P C 0 C K L C U P C 0W R n o i t r e s s a h t i w 0 C / 0 T K L C U P C f o l o r t n o c w o ll A e e r F = 1 g n i n n u r e e r f t o N = 0 # P O T S _ U P C f o g n i n n u r 4 t i B8 4 , 9 4 1 T K L C U P C 1 C K L C U P C 0W R n o i t r e s s a h t i w 1 C / 1 T K L C U P C f o l o r t n o c w o ll A e e r F = 1 g n i n n u r e e r f t o N = 0 # P O T S _ U P C f o g n i n n u r 5 t i B4 4 , 5 4 2 T K L C U P C 2 C K L C U P C 0W R n o i t r e s s a h t i w 2 C / 2 T K L C U P C f o l o r t n o c w o ll A e e r F = 1 g n i n n u r e e r f t o N = 0 # P O T S _ U P C f o g n i n n u r 6 t i B- - 0 - ) d e v r e s e R ( 7 t i B3 40 L E S T L U MX R 0 L E S T L U M f o e u l a v t n e r r u c e h t s t c e l f e R |