công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3C97 bảng dữ liệu(PDF) 3 Page - Ferroxcube International Holding B.V.

tên linh kiện 3C97
Giải thích chi tiết về linh kiện  Low power loss, wide temperature for power conversion
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FERROXCUBE [Ferroxcube International Holding B.V.]
Trang chủ  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

3C97 bảng dữ liệu(HTML) 3 Page - Ferroxcube International Holding B.V.

  3C97 Datasheet HTML 1Page - Ferroxcube International Holding B.V. 3C97 Datasheet HTML 2Page - Ferroxcube International Holding B.V. 3C97 Datasheet HTML 3Page - Ferroxcube International Holding B.V. 3C97 Datasheet HTML 4Page - Ferroxcube International Holding B.V. 3C97 Datasheet HTML 5Page - Ferroxcube International Holding B.V. 3C97 Datasheet HTML 6Page - Ferroxcube International Holding B.V. 3C97 Datasheet HTML 7Page - Ferroxcube International Holding B.V. 3C97 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FERROXCUBE is a member of theYageo Group,
which is among the world's strongest suppliers of high
quality passive components.As a leading supplier of
ferrite components. FERROXCUBE has manufacturing
operations, sales offices, and customer service centers
all over the world.
We supply one of he broadest ranges of high-quality,
innovative products and place strong emphasis
on miniaturization of magnetic functions. Ferrite
components and accessories from FERROXCUBE
are used in a wide range of applications, from
telecommunications and computing electronics
through consumer electronic products to automotive.
FERROXCUBE as the leading manufacturer in the
ferrite industry, has been providing to the power
conversion industry ferrite cores with low power
losses and high saturation magnetic flux density
over a wide range of operating frequencies (20kHz
to 10MHz).This has allowed us to support today's
manufacturers of power conversion systems in their
drive for greater miniaturization, lower weight and
reduced power consumption in applications where
the temperature rise and maximum achievable
temperature can be estimated.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com