công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7C146-45 bảng dữ liệu(PDF) 13 Page - Cypress Semiconductor

tên linh kiện 7C146-45
Giải thích chi tiết về linh kiện  2Kx8 Dual-Port Static RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

7C146-45 bảng dữ liệu(HTML) 13 Page - Cypress Semiconductor

Back Button 7C146-45 Datasheet HTML 9Page - Cypress Semiconductor 7C146-45 Datasheet HTML 10Page - Cypress Semiconductor 7C146-45 Datasheet HTML 11Page - Cypress Semiconductor 7C146-45 Datasheet HTML 12Page - Cypress Semiconductor 7C146-45 Datasheet HTML 13Page - Cypress Semiconductor 7C146-45 Datasheet HTML 14Page - Cypress Semiconductor 7C146-45 Datasheet HTML 15Page - Cypress Semiconductor 7C146-45 Datasheet HTML 16Page - Cypress Semiconductor 7C146-45 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
CY7C132/CY7C136
CY7C142/CY7C146
13
Shaded area contains preliminary information.
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
30
CY7C132-30PC
P25
48-Lead (600-Mil) Molded DIP
Commercial
CY7C132-30PI
P25
48-Lead (600-Mil) Molded DIP
Industrial
35
CY7C132-35PC
P25
48-Lead (600-Mil) Molded DIP
Commercial
CY7C132-35PI
P25
48-Lead (600-Mil) Molded DIP
Industrial
CY7C132-35DMB
D26
48-Lead (600-Mil) Sidebraze DIP
Military
45
CY7C132-45PC
P25
48-Lead (600-Mil) Molded DIP
Commercial
CY7C132-45PI
P25
48-Lead (600-Mil) Molded DIP
Industrial
CY7C132-45DMB
D26
48-Lead (600-Mil) Sidebraze DIP
Military
55
CY7C132-55PC
P25
48-Lead (600-Mil) Molded DIP
Commercial
CY7C132-55PI
P25
48-Lead (600-Mil) Molded DIP
Industrial
CY7C132-55DMB
D26
48-Lead (600-Mil) Sidebraze DIP
Military
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C136-15JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C136-15NC
N52
52-Pin Plastic Quad Flatpack
25
CY7C136-25JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C136-25NC
N52
52-Pin Plastic Quad Flatpack
30
CY7C136-30JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C136-30NC
N52
52-Pin Plastic Quad Flatpack
CY7C136-30JI
J69
52-Lead Plastic Leaded Chip Carrier
Industrial
35
CY7C136-35JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C136-35NC
N52
52-Pin Plastic Quad Flatpack
CY7C136-35JI
J69
52-Lead Plastic Leaded Chip Carrier
Industrial
CY7C136-35LMB
L69
52-Square Leadless Chip Carrier
Military
45
CY7C136-45JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C136-45NC
N52
52-Pin Plastic Quad Flatpack
CY7C136-45JI
J69
52-Lead Plastic Leaded Chip Carrier
Industrial
CY7C136-45LMB
L69
52-Square Leadless Chip Carrier
Military
55
CY7C136-55JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C136-55NC
N52
52-Pin Plastic Quad Flatpack
CY7C136-55JI
J69
52-Lead Plastic Leaded Chip Carrier
Industrial
CY7C136-55LMB
L69
52-Square Leadless Chip Carrier
Military



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18