| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CBC3105-R4C bảng dữ liệu(PDF) 3 Page - Cymbet Corporation |
|
|
|||||||||||||||||||||||||||||
CBC3105-R4C bảng dữ liệu(HTML) 3 Page - Cymbet Corporation |
|
3 / 3 page ![]() AN-1057: Capacitance to EnerChip Battery Charge Conversion Guide ©2013 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com Doc AN-72-1057 Rev B Page 3 of 3 Preliminary Cymbet Product Ordering Information Cymbet, the Cymbet Logo, and EnerChip are Cymbet Corporation Trademarks Disclaimer of Warranties; As Is The information provided in this data sheet is provided “As Is” and Cymbet Corporation disclaims all representations or warranties of any kind, express or implied, relating to this data sheet and the Cymbet EnerChip product described herein, including without limitation, the implied warranties of merchantability, fitness for a particular purpose, non-infringement, title, or any warranties arising out of course of dealing, course of performance, or usage of trade. Cymbet EnerChip products are not authorized for use in life critical applications. Users shall confirm suitability of the Cymbet EnerChip product in any products or applications in which the Cymbet EnerChip product is adopted for use and are solely responsible for all legal, regulatory, and safety-related requirements concerning their products and applications and any use of the Cymbet EnerChip product described herein in any such product or applications. EnerChip CC Part Number Description Notes CBC3105-R4C EnerChip CC 5µAh in 16-pin DFN Shipped in Tube CBC3105-R4C-TR1 CBC3105-R4C-TR5 EnerChip CC 5µAh in 16-pin DFN Tape-and-Reel - 1000 pcs (TR1) or 5000 pcs (TR5) per reel CBC3105-R4C-WP EnerChip CC 5µAh in 16-pin DFN Waffle Pack CBC3112-D7C EnerChip CC 12µAh in 20-pin D7 DFN Package Shipped in Tube CBC3112-D7C-TR1 CBC3112-D7C-TR5 EnerChip CC 12µAh in 20-pin D7 DFN Package Tape-and-Reel - 1000 pcs (TR1) or 5000 pcs (TR5) per reel CBC3112-D7C-WP EnerChip CC 12µAh in 20-pin D7 DFN Package Waffle Pack CBC3150-D9C EnerChip CC 50µAh in 20-pin D9 DFN Package Shipped in Tube CBC3150-D9C-TR1 CBC3150-D9C-TR5 EnerChip CC 50µAh in 20-pin D9 DFN Package Tape-and-Reel - 1000 pcs (TR1) or 5000 pcs (TR5) per reel CBC3150-D9C-WP EnerChip CC 50µAh in 20-pin D9 DFN Package Waffle Pack U.S. Patent No. 8,044,508. Additional U.S. and Foreign Patents Pending |