| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F876AI/SP bảng dữ liệu(PDF) 44 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F876AI/SP bảng dữ liệu(HTML) 44 Page - Microchip Technology |
|
44 / 234 page ![]() PIC16F87XA DS39582B-page 42 2003 Microchip Technology Inc. FIGURE 4-2: BLOCK DIAGRAM OF RA4/T0CKI PIN FIGURE 4-3: BLOCK DIAGRAM OF RA5 PIN Data Bus WR PORTA WR TRISA RD PORTA Data Latch TRIS Latch RD TRISA Schmitt Trigger Input Buffer N VSS I/O pin(1) TMR0 Clock Input Q D Q CK Q D Q CK EN QD EN C1OUT Note 1: I/O pin has protection diodes to VSS only. CMCON<2:0> = x01 or 011 1 0 Data Bus WR PORTA WR TRISA RD PORTA Data Latch TRIS Latch RD TRISA TTL Input Buffer I/O pin(1) A/D Converter or SS Input Q D Q CK Q D Q CK EN QD EN C2OUT CMCON<2:0> = 011 or 101 1 0 P N VSS VDD Note 1: I/O pin has protection diodes to VDD and VSS. Analog IIP Mode |