| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CTW450X2VT2 bảng dữ liệu(PDF) 15 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CTW450X2VT2 bảng dữ liệu(HTML) 15 Page - CT Micro International Corporation |
|
15 / 15 page ![]() CT Micro Rev 3 Proprietary & Confidential Page 15 Apr, 2016 CTW135, CTW136, CTW4502, CTW4503 9mm, 1Mbit/s High Speed Phototransistor Optocoupl er DISCLAIMER CT MICRO RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. CT MICRO DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. ______________________________________________________________________________________ CT MICRO ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT EXPRESS WRITTEN APPROVAL OF CT MICRO INTERNATIONAL CORPORATION. 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instruction for use provided in the labelling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. |