| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CTW13X8VT2 bảng dữ liệu(PDF) 11 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CTW13X8VT2 bảng dữ liệu(HTML) 11 Page - CT Micro International Corporation |
|
11 / 14 page ![]() CT Micro Rev 1 Proprietary & Confidential Page 11 May, 2016 CTW138, CTW139 Low Input Current Photodarlington Coupler Ordering Information CTW13X(V)(Y)(Z) X = Part No. (8 or 9) V = VDE Option ( V or None) Y = Lead form option (SL or none) Z = Tape and reel option (T1, T2 or none) Option Description Quantity None Standard 8 Pin Widebody Dip 40 Units/Tube SL(T1) Surface Mount Lead Forming – With Option 1 Taping 750 Units/Reel SL(T2) Surface Mount Lead Forming – With Option 2 Taping 750 Units/Reel |