công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9728CHGE bảng dữ liệu(PDF) 9 Page - Richtek Technology Corporation

tên linh kiện RT9728CHGE
Giải thích chi tiết về linh kiện  Power Switch with Programmable Current Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9728CHGE bảng dữ liệu(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9728CHGE Datasheet HTML 5Page - Richtek Technology Corporation RT9728CHGE Datasheet HTML 6Page - Richtek Technology Corporation RT9728CHGE Datasheet HTML 7Page - Richtek Technology Corporation RT9728CHGE Datasheet HTML 8Page - Richtek Technology Corporation RT9728CHGE Datasheet HTML 9Page - Richtek Technology Corporation RT9728CHGE Datasheet HTML 10Page - Richtek Technology Corporation RT9728CHGE Datasheet HTML 11Page - Richtek Technology Corporation RT9728CHGE Datasheet HTML 12Page - Richtek Technology Corporation RT9728CHGE Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT9728C
9
DS9728C-00 October 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications Information
The RT9728C is a single P-MOSFET high-side power
switch with active-high/low enable input, optimized for self-
powered and bus-powered Universal Serial Bus (USB)
applications. The switch's low RDS(ON) meets USB voltage
drop requirements and a flag output is available to indicate
fault conditions to the local USB controller.
Current Limiting and Short Circuit Protection
When a heavy load or short circuit situation occurs while
the switch is enabled, large transient current may flow
through the device. The RT9728C includes a current-limit
circuitry to prevent these large currents from damaging
the MOSFET switch and the hub downstream ports. The
RT9728C provides an adjustable current limit threshold
between 120mA and 1.3A (typ) via an external resistor,
RILIM, between 19.1k
Ω and 232kΩ. However, if the ILIM
pin is connected to VIN, the current limit threshold will be
75mA (typ). Once the current limit threshold is exceeded,
Figure 1. Current Limit Threshold vs RILIM
Current Limit Threshold vs. RILIM
0
200
400
600
800
1000
1200
1400
1600
20
50
80
110
140
170
200
230
RILIM (k )
Ω
the device enters constant-current mode until either
thermal shutdown occurs or the fault is removed. The
table1 shows a recommended current limit value vs. RILIM
resistor.
Table 1. Recommended RILIM Resistor Selections
Desired Nominal
Current Limit
(mA)
Ideal Resistor
(k
)
Closet 1%
Resistor (k
)
Actual Limits (Include R Tolerance)
IOS Min (mA)
IOS Nom (mA)
IOS Max (mA)
75
Short ILIM to VIN
50.0
75.0
100.0
120
226.1
226.0
101.3
120.0
142.1
200
134.0
133.0
173.7
201.5
233.9
300
88.5
88.7
262.1
299.4
342.3
400
65.9
66.5
351.1
396.7
448.7
500
52.5
52.3
443.9
501.6
562.4
600
43.5
43.2
535.1
604.6
674.1
700
37.2
37.4
616.0
696.0
776.0
800
32.4
32.4
708.7
800.8
892.9
900
28.7
28.7
797.8
901.5
1005.2
1000
25.8
26.1
875.4
989.1
1102.8
1100
23.4
23.2
982.1
1109.7
1237.3
1200
21.4
21.5
1057.9
1195.4
1332.9
1300
19.7
19.6
1178.0
1308.5
1439.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com