công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9728BLGQW bảng dữ liệu(PDF) 2 Page - Richtek Technology Corporation

tên linh kiện RT9728BLGQW
Giải thích chi tiết về linh kiện  Power Switch with Adjustable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9728BLGQW bảng dữ liệu(HTML) 2 Page - Richtek Technology Corporation

  RT9728BLGQW Datasheet HTML 1Page - Richtek Technology Corporation RT9728BLGQW Datasheet HTML 2Page - Richtek Technology Corporation RT9728BLGQW Datasheet HTML 3Page - Richtek Technology Corporation RT9728BLGQW Datasheet HTML 4Page - Richtek Technology Corporation RT9728BLGQW Datasheet HTML 5Page - Richtek Technology Corporation RT9728BLGQW Datasheet HTML 6Page - Richtek Technology Corporation RT9728BLGQW Datasheet HTML 7Page - Richtek Technology Corporation RT9728BLGQW Datasheet HTML 8Page - Richtek Technology Corporation RT9728BLGQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9728B
2
DS9728B-00 August 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Marking Information
Pin Configurations
(TOP VIEW)
SOT-23-6
WDFN-6L 2x2
VOUT ILIM
VIN GND
4
23
5
6
FAULT
EN/EN
VOUT
ILIM
VIN
GND
5
4
1
2
3
6
7
EN/EN
FAULT
Pin No.
SOT-23-6
WDFN-6L 2x2
Pin Name
Pin Function
1
6
VIN
Power Input.
2
5,
7 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
3
4
EN/EN
Enable Control Input.
4
3
FAULT
Active-Low Open-Drain Output. Asserted during over-current,
over-temperature, or reverse-voltage conditions.
5
2
ILIM
Current Limit Setting. Connect an external resistor to set current
limit threshold. 15k
Ω ≤ RILIM ≤ 232kΩ is recommended.
6
1
VOUT
Power Switch Output.
Functional Pin Description
1Q : Product Code
W : Date Code
RT9728BLGQW
RT9728BLGE
0J= : Product Code
DNN : Date Code
0K= : Product Code
DNN : Date Code
RT9728BHGE
1R : Product Code
W : Date Code
RT9728BHGQW
0K=DNN
0J=DNN
1RW
1QW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com