công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CT3031STB bảng dữ liệu(PDF) 9 Page - CT Micro International Corporation

tên linh kiện CT3031STB
Giải thích chi tiết về linh kiện  6Pin Zero Cross TRIAC Driver Coupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CTMICRO [CT Micro International Corporation]
Trang chủ  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3031STB bảng dữ liệu(HTML) 9 Page - CT Micro International Corporation

Back Button CT3031STB Datasheet HTML 3Page - CT Micro International Corporation CT3031STB Datasheet HTML 4Page - CT Micro International Corporation CT3031STB Datasheet HTML 5Page - CT Micro International Corporation CT3031STB Datasheet HTML 6Page - CT Micro International Corporation CT3031STB Datasheet HTML 7Page - CT Micro International Corporation CT3031STB Datasheet HTML 8Page - CT Micro International Corporation CT3031STB Datasheet HTML 9Page - CT Micro International Corporation CT3031STB Datasheet HTML 10Page - CT Micro International Corporation CT3031STB Datasheet HTML 11Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CT Micro
CT Micro
Rev 1
Proprietary & Confidential
Page 9
Aug, 2013
CT303X, CT304X, CT306X, CT308X
6Pin Zero Cross TRIAC Driver Coupler
Ordering Information
CT303X(Y)(Z)-G, CT304X(Y)(Z)-G, CT306X(Y)(Z)-G, CT308X(Y)(Z)-G
X = (1,2,3)
Y = Lead form option (S, SL, M or none)
Z = Tape and reel option (TA, TB or none)
G= Material option (G: Green, None: Non-green)
Option
Description
Quantity
None
Standard 6 Pin Dip
50Units/Tube
M
Wide Lead Forming
50Units/Tube
S(TA)
Surface Mount Lead Forming
– With Option A Taping
1000 Units/Reel
S(TB)
Surface Mount Lead Forming
– With Option B Taping
1000 Units/Reel
SL(TA)
Surface Mount Lead Forming(Low Profile)
– With Option A Taping
1000 Units/Reel
SL(TB)
Surface Mount Lead Forming(Low Profile)
– With Option B Taping
1000 Units/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11