công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4N31ST2-G bảng dữ liệu(PDF) 10 Page - CT Micro International Corporation

tên linh kiện 4N31ST2-G
Giải thích chi tiết về linh kiện  DC Input 6-Pin Photodarlington Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CTMICRO [CT Micro International Corporation]
Trang chủ  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

4N31ST2-G bảng dữ liệu(HTML) 10 Page - CT Micro International Corporation

Back Button 4N31ST2-G Datasheet HTML 5Page - CT Micro International Corporation 4N31ST2-G Datasheet HTML 6Page - CT Micro International Corporation 4N31ST2-G Datasheet HTML 7Page - CT Micro International Corporation 4N31ST2-G Datasheet HTML 8Page - CT Micro International Corporation 4N31ST2-G Datasheet HTML 9Page - CT Micro International Corporation 4N31ST2-G Datasheet HTML 10Page - CT Micro International Corporation 4N31ST2-G Datasheet HTML 11Page - CT Micro International Corporation 4N31ST2-G Datasheet HTML 12Page - CT Micro International Corporation 4N31ST2-G Datasheet HTML 13Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CT Microelectronics
Rev 1
Proprietary & Confidential
Page 10
Apr, 2014
4N29, 4N30, 4N31, 4N32, 4N33
H11B1, H11B2, H11B3, H11B255, TIL113
DC Input 6-Pin Photodarlington Optocoupler
Ordering Information
4N2X(Y)(Z)-G, 4N3X(Y)(Z)-G, H11BX(Y)(Z)-G, TIL113(Y)(Z)-G
X = (9 for 4N2X), (0,1,2,3 for 4N3X series), (1,2,3,255 for H11BX series)
Y = Lead form option (S, SL, M or none)
Z = Tape and reel option (T1, T2 or none)
G= Material option (G: Green, None: Non-green)
Option
Description
Quantity
None
Standard 6 Pin Dip
65Units/Tube
M
Wide Lead Forming
65Units/Tube
S(T1)
Surface Mount Lead Forming – With Option 1 Taping
1000 Units/Reel
S(T2)
Surface Mount Lead Forming – With Option 2 Taping
1000 Units/Reel
SL(T1)
Surface Mount Lead Forming(Low Profile) – With Option 1 Taping
1000 Units/Reel
SL(T2)
Surface Mount Lead Forming(Low Profile) – With Option 2 Taping
1000 Units/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13