| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CT357B bảng dữ liệu(PDF) 7 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CT357B bảng dữ liệu(HTML) 7 Page - CT Micro International Corporation |
|
7 / 10 page ![]() CT Micro Rev 3 Proprietary & Confidential Page 7 Feb, 2015 CT357 Series DC Input 4-Pin Mini-Flat Phototransistor Optocoupler Marking Information Note: CT : Denotes “CT Micro” 357 : Product Number R : CTR Rank V : VDE Option Y : Fiscal Year WW : Work Week K : Manufacturing Code Ordering Information CT357X(V)(Z) X = Part No. (X=A,B,C,D, None) V = VDE option (V or None) Z = Tape and reel option (T1 or T2) Option Description Quantity T1 Surface Mount Lead Forming – With Option 1 Taping 3000 Units/Reel T2 Surface Mount Lead Forming – With Option 2 Taping 3000 Units/Reel CT 357R VYWWK |