| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4N32ST2 bảng dữ liệu(PDF) 12 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
4N32ST2 bảng dữ liệu(HTML) 12 Page - CT Micro International Corporation |
|
12 / 13 page ![]() CT Microelectronics Rev 1 Proprietary & Confidential Page 12 Apr, 2014 4N29, 4N30, 4N31, 4N32, 4N33 H11B1, H11B2, H11B3, H11B255, TIL113 DC Input 6-Pin Photodarlington Optocoupler Reflow Profile Profile Feature Pb-Free Assembly Profile Temperature Min. (Tsmin) 150°C Temperature Max. (Tsmax) 200°C Time (ts) from (Tsmin to Tsmax) 60-120 seconds Ramp-up Rate (tL to tP) 3°C/second max. Liquidous Temperature (TL) 217°C Time (tL) Maintained Above (TL) 60 – 150 seconds Peak Body Package Temperature 260°C +0°C / -5°C Time (tP) within 5°C of 260°C 30 seconds Ramp-down Rate (TP to TL) 6°C/second max Time 25°C to Peak Temperature 8 minutes max. |