| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CT415AV bảng dữ liệu(PDF) 7 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CT415AV bảng dữ liệu(HTML) 7 Page - CT Micro International Corporation |
|
7 / 10 page ![]() CT Micro Rev.2 Proprietary & Confidential Page 7 Jul, 2014 CT415 Series DC Input 4-Pin Mini-Flat Photodarlington Optocoupler Marking Information Note: CT : Denotes “CT Micro” 415 : Product Number R : CTR Rank V : VDE Option Y : Fiscal Year WW : Work Week K : Manufacturing Code Ordering Information CT415X(V)(Z) X = Part No. (X=A, B or None) V = VDE option (V or none) Z = Tape and reel option (T1, T2 or none) Option Description Quantity T1 Surface Mount Lead Forming – With Option 1 Taping 3000 Units/Reel T2 Surface Mount Lead Forming – With Option 2 Taping 3000 Units/Reel CT 415R VYWWK |