| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
6N135VT2 bảng dữ liệu(PDF) 13 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
6N135VT2 bảng dữ liệu(HTML) 13 Page - CT Micro International Corporation |
|
13 / 16 page ![]() CT Micro Rev 2 Proprietary & Confidential Page 13 May, 2015 6N135, 6N136, CT4502, CT4503 1Mbit/s High Speed Phototransistor Optocoupler Ordering Information 6N13X(V)(Y)(Z) or CT450X(V)(Y)(Z) X = Part No. (5,6 for 6N13X series), (2,3 for CT450X series) V = VDE Option ( V or None) Y = Lead form option (S, SL, M or none) Z = Tape and reel option (T1, T2 or none) Option Description Quantity None Standard 8 Pin Dip 40 Units/Tube M Gullwing (400mil) Lead Forming 40 Units/Tube S(T1) Surface Mount Lead Forming – With Option 1 Taping 1000 Units/Reel S(T2) Surface Mount Lead Forming – With Option 2 Taping 1000 Units/Reel SL(T1) Surface Mount (Low Profile) Lead Forming– With Option 1 Taping 1000 Units/Reel SL(T2) Surface Mount (Low Profile) Lead Forming– With Option 2 Taping 1000 Units/Reel |