công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PQD6-D bảng dữ liệu(PDF) 2 Page - CUI INC

tên linh kiện PQD6-D
Giải thích chi tiết về linh kiện  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CUI [CUI INC]
Trang chủ  http://www.cui.com
Logo CUI - CUI INC

PQD6-D bảng dữ liệu(HTML) 2 Page - CUI INC

  PQD6-D Datasheet HTML 1Page - CUI INC PQD6-D Datasheet HTML 2Page - CUI INC PQD6-D Datasheet HTML 3Page - CUI INC PQD6-D Datasheet HTML 4Page - CUI INC PQD6-D Datasheet HTML 5Page - CUI INC PQD6-D Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PQD6-D │ DESCRIPTION: DC-DC CONVERTER
date
10/29/2013 │ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
24 V input models
48 V input models
9
18
24
48
36
75
Vdc
Vdc
start-up voltage
24 V input models
48 V input models
9
18
Vdc
Vdc
surge voltage
for maximum of 1 second
24 V input models
48 V input models
-0.7
-0.7
50
100
Vdc
Vdc
filter
pi filter
no-load power consumption
0.15
0.3
W
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
full load, input voltage from low to high
±0.2
±0.5
%
load regulation
5% to 100% load
±0.5
±1
%
cross regulation
dual output
main output 50% load, secondary output 10%-
100% load
±5
%
voltage accuracy
±1
±2
%
voltage balance1
dual output, balanced loads
±0.5
±1.5
%
switching frequency
300
KHz
transient recovery time
25% load step change
300
500
μs
transient response deviation
25% load step change
±3
±5
%
temperature coefficient
100% load
±0.03
%/°C
Note:
1. For dual output models, unbalanced load can not exceed ±5%. If ±5% is exceeded, it may not meet all specifications.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, automatic recovery
over current protection
120
180
%lo
over voltage protection
110
140
%Vo
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
for 1 minute at 1 mA max.
1,500
Vdc
isolation resistance
at 500 Vdc
1,000
MΩ
isolation capacitance
input to output, 100 KHz/0.1 V
1,000
pF
safety approvals
CE
conducted emissions
CISPR22/EN55022, class A, class B (external circuit required, see Figure 1-b)
radiated emissions
CISPR22/EN55022, class A, class B (external circuit required, see Figure 1-b)
ESD
IEC/EN61000-4-2, class B, contact ± 4kV
radiated immunity
IEC/EN61000-4-3, class A, 10V/m
EFT/burst
IEC/EN61000-4-4, class B, ± 2kV (external circuit required, see Figure 1-a)
surge
IEC/EN61000-4-5, class B, ± 2kV (external circuit required, see Figure 1-a)
conducted immunity
IEC/EN61000-4-6, class A, 3 Vr.m.s
voltage dips & interruptions
IEC/EN61000-4-29, class B, 0%-70%
MTBF
as per MIL-HDBK-217F @ 25°C
1,000,000
hours
RoHS compliant
2011/65/EU
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com