công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS4502CDGK bảng dữ liệu(PDF) 12 Page - Texas Instruments

tên linh kiện THS4502CDGK
Giải thích chi tiết về linh kiện  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

THS4502CDGK bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button THS4502CDGK Datasheet HTML 8Page - Texas Instruments THS4502CDGK Datasheet HTML 9Page - Texas Instruments THS4502CDGK Datasheet HTML 10Page - Texas Instruments THS4502CDGK Datasheet HTML 11Page - Texas Instruments THS4502CDGK Datasheet HTML 12Page - Texas Instruments THS4502CDGK Datasheet HTML 13Page - Texas Instruments THS4502CDGK Datasheet HTML 14Page - Texas Instruments THS4502CDGK Datasheet HTML 15Page - Texas Instruments THS4502CDGK Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
THS4502
THS4503
SLOS352D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
12
TYPICAL CHARACTERISTICS (
±5 V Graphs)
Figure 28
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
−100
0
100
200
300
400
500
t − Time − ns
SMALL-SIGNAL TRANSIENT RESPONSE
Gain = 1
RL = 800 Ω
Rf = 499 Ω
tr/tf = 300 ps
VS = ±5 V
Figure 29
t − Time −
µs
0
−1
−4
0
0.1 0.2 0.3 0.4 0.5 0.6
1
2
OVERDRIVE RECOVERY
4
0.7 0.8 0.9
1
3
−3
−5
−2
5
0
−0.5
−2
0.5
1
2
1.5
−1.5
−2.5
−1
2.5
Gain = 4
RL = 800 Ω
Rf = 499 Ω
Overdrive = 4.5 V
VS = ±5 V
Figure 30
−6
−4
−2
0
2
4
6
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
−3
−2
−1
0
1
2
3
t − Time −
µs
OVERDRIVE RECOVERY
Gain = 4
RL = 800 Ω
Rf = 499 Ω
Overdrive = 5.5 V
VS = ±5 V
Figure 31
1
10
100
0.01
0.1
1
10
100
Vn
In
f − Frequency − kHz
VOLTAGE AND CURRENT NOISE
vs
FREQUENCY
1000
10 k
Figure 32
−10
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
REJECTION RATIOS
vs
FREQUENCY
f − Frequency − MHz
PSRR+
PSRR−
CMMR
RL = 800 Ω
VS = ±5 V
Figure 33
0
10
20
30
40
50
60
70
80
90
100
−40−30−20−10 0 1020304050 60 708090
REJECTION RATIOS
vs
CASE TEMPERATURE
Case Temperature −
°C
PSRR+
PSRR−
CMMR
RL = 800 Ω
VS = ±5 V
Figure 34
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
OUTPUT BALANCE ERROR
vs
FREQUENCY
f − Frequency − MHz
PIN = −20 dBm
RL = 800 Ω
Rf = 499 Ω
VS = ±5 V
Figure 35
0
10
20
30
40
50
60
0.01
0.1
1
10
100
1000
−150
−120
−90
−60
−30
0
30
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
f − Frequency − MHz
PIN = −30 dBm
RL = 800 Ω
Rf = 100 kΩ
VS = ±5 V
Gain
Phase
Figure 36
48
49
50
51
52
53
54
55
56
57
−40−30−20−100
1020 304050 6070 8090
OPEN-LOOP GAIN
vs
CASE TEMPERATURE
Case Temperature −
°C
RL = 800 Ω
VS = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com