công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ILQ3 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện ILQ3
Giải thích chi tiết về linh kiện  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ3 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  ILQ3 Datasheet HTML 1Page - Vishay Siliconix ILQ3 Datasheet HTML 2Page - Vishay Siliconix ILQ3 Datasheet HTML 3Page - Vishay Siliconix ILQ3 Datasheet HTML 4Page - Vishay Siliconix ILQ3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISHAY
ILD3/ ILQ3
Document Number 83655
Rev. 1.3, 19-Apr-04
Vishay Semiconductors
www.vishay.com
1
i179012
1
2
3
4
8
7
6
5
E
C
C
E
A
C
C
A
A
C
C
A
A
C
C
A
E
C
C
E
E
C
C
E
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Dual Channel
Quad Channel
Optocoupler, Phototransistor Output (Dual, Quad Channel)
Features
• Current Transfer Ratio at IF = 1.6 mA
• Double Molded Package Offers Isolation Test
Voltage 5300 VRMS, 1.0 sec.
Agency Approvals
• UL - File No. E52744 System Code H or J
• CSA 93751
• BSI IEC60950 IEC60965
• FIMKO
Description
The ILD3/ ILQ3 are optically coupled isolated pairs
employing GaAs infrared LEDs and silicon NPN pho-
totransistors. Signal information, including a DC level,
can be transmitted by the drive while maintaining a
high degree of electrical isolation between input and
output. The ILD3/ ILQ3 are especially designed for
driving medium-speed logic and can be used to elim-
inate troublesome ground loop and noise problems.
Also these couplers can be used to replace relays and
transformers in many digital interface applications
such as CTR modulation. The ILD3 has two isolated
channels in a single DIP package and the ILQ3 has
four isolated channels per package.
Order Information
For additional information on the available options refer to
Option Information.
Part
Remarks
ILD3
CTR > 500 %, Dual Channel DIP-8
ILQ3
CTR > 500 %, Quad Channel DIP-16


Số phần tương tự - ILQ3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Siemens Semiconductor G...
ILQ3 SIEMENS-ILQ3 Datasheet
33Kb / 2P
PHOTOTRANSISTOR OPTOCOUPLER
ILQ30 SIEMENS-ILQ30 Datasheet
63Kb / 3P
PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
ILQ30 VISHAY-ILQ30 Datasheet
180Kb / 9P
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
26-Oct-04
ILQ30 VISHAY-ILQ30 Datasheet
175Kb / 9P
Optocoupler, Photodarlington Output
14-Dec-07
ILQ30 VISHAY-ILQ30 Datasheet
232Kb / 10P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
28-Jul-14
More results

Mô tả tương tự - ILQ3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
19-Apr-04
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
28-Jun-11
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Dec-2020
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
15-Apr-2021
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Mar-2021
ILD615 VISHAY-ILD615_V02 Datasheet
213Kb / 12P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Dec-2020
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com