công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S8JC bảng dữ liệu(PDF) 1 Page - Taiwan Memory Technology

tên linh kiện S8JC
Giải thích chi tiết về linh kiện  8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TMT [Taiwan Memory Technology]
Trang chủ  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S8JC bảng dữ liệu(HTML) 1 Page - Taiwan Memory Technology

  S8JC Datasheet HTML 1Page - Taiwan Memory Technology S8JC Datasheet HTML 2Page - Taiwan Memory Technology S8JC Datasheet HTML 3Page - Taiwan Memory Technology S8JC Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S8GC - S8MC
CREAT BY ART
- Low forward voltage drop
- Ideal for automated placement
- High surge current capability
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
CJ
pF
RθJL
RθJA
TJ
°C
TSTG
°C
Document Number: DS_D0000010
Version: C15
Note 2: Measured at 1.0MHz and applied reverse voltage of 4.0V DC
Maximum DC blocking voltage
V
A
Maximum instantaneous forward voltage (Note 1)
IF= 8 A
12.5
IFSM
Taiwan Semiconductor
MECHANICAL DATA
Typical thermal resistance
44
°C/W
DO-214AB (SMC)
Note 1: Pulse test with PW=300μs, 1% duty cycle
Operating junction temperature range
Storage temperature range
IR
Typical Junction Capacitance (Note 2)
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
Moisture sensitivity level: level 1, per J-STD-020
FEATURES
μA
Maximum repetitive peak reverse voltage
Maximum RMS voltage
PARAMETER
S8GC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
8
48
S8JC
S8KC
0.985
A
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Weight:
0.27 g (approximately)
Case:
DO-214AB (SMC)
Maximum average forward rectified current
Polarity:
Indicated by cathode band
TJ =125°C
338
400
600
800
S8MC
Peak forward surge current
1.0 ms single half sine-wave
TJ =25°C
600
- 55 to +150
10
250
- 55 to +150
VF
400
600
800
1000
IFSM
200
170
1000
280
420
560
700
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
Peak forward surge current
8.3 ms single half sine-wave
TJ =25°C
TJ =125°C


Số phần tương tự - S8JC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
S8JC TSC-S8JC Datasheet
199Kb / 3P
Surface Mount Glass Passivated Rectifier
S8JC TSC-S8JC Datasheet
232Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Shenzhen Luguang Electr...
S8JC LUGUANG-S8JC Datasheet
498Kb / 2P
Reverse Voltage :50 to 1000 Volts
logo
Taiwan Semiconductor Co...
S8JC-T TSC-S8JC-T Datasheet
290Kb / 5P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifier
logo
Omron Electronics LLC
S8JC-Z01505CD OMRON-S8JC-Z01505CD Datasheet
9Mb / 42P
Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
More results

Mô tả tương tự - S8JC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
S8GC TSC-S8GC_14 Datasheet
232Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
GBU804-K TSC-GBU804-K Datasheet
187Kb / 4P
8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU804-K TSC-GBU804-K_16 Datasheet
187Kb / 4P
8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
logo
Taiwan Memory Technolog...
S5GB TMT-S5GB_16 Datasheet
180Kb / 4P
5A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
TS8P01G TMT-TS8P01G_16 Datasheet
341Kb / 4P
8A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
S8GC-T TSC-S8GC-T Datasheet
290Kb / 5P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S10GC TSC-S10GC Datasheet
288Kb / 5P
10A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S12GC TSC-S12GC Datasheet
289Kb / 5P
12A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S15GC TSC-S15GC Datasheet
176Kb / 4P
15A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
S8GCH TSC-S8GCH Datasheet
429Kb / 5P
8A, 400V - 1000V Surface Mount Rectifier
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com