| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADAV4601BSTZ bảng dữ liệu(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV4601BSTZ bảng dữ liệu(HTML) 21 Page - Analog Devices |
|
21 / 60 page ![]() ADAV4601 Rev. B | Page 21 of 60 I2S Mode Right-Justified (RJ) Mode In I2S mode, the data is left-justified, MSB first, with the MSB placed in the second BCLK period following the transition of the LRCLK. A high-to-low transition of the LRCLK signifies the beginning of the left channel data transfer, and a low-to-high transition on the LRCLK signifies the beginning of the right channel data transfer (see Figure 27). In RJ mode, the data is right-justified, LSB last, with the LSB placed in the last BCLK period preceding the transition of LRCLK. A high-to-low transition of the LRCLK signifies the beginning of the right-channel data transfer, and a low-to-high transition on the LRCLK signifies the beginning of the left-channel data transfer (see Figure 29). Left-Justified (LJ) Mode In LJ mode, the data is left-justified, MSB first, with the MSB placed in the first BCLK period following the transition of the LRCLK. A high-to-low transition of the LRCLK signifies the beginning of the right-channel data transfer, and a low-to-high transition on the LRCLK signifies the beginning of the left- channel data transfer (see Figure 28). LRCLK BCLK SDO0 MSB LEFT CHANNEL LSB MSB RIGHT CHANNEL LSB 1 /FS Figure 27. I2S Mode LRCLK BCLK SDO0 LEFT CHANNEL MSB LSB MSB RIGHT CHANNEL LSB 1 /FS Figure 28. Left-Justified Mode LRCLK BCLK SDO0 LEFT CHANNEL MSB LSB MSB RIGHT CHANNEL LSB 1 /FS Figure 29. Right-Justified Mode |