công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADN2913ACPZ bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADN2913ACPZ
Giải thích chi tiết về linh kiện  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADN2913ACPZ bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADN2913ACPZ Datasheet HTML 1Page - Analog Devices ADN2913ACPZ Datasheet HTML 2Page - Analog Devices ADN2913ACPZ Datasheet HTML 3Page - Analog Devices ADN2913ACPZ Datasheet HTML 4Page - Analog Devices ADN2913ACPZ Datasheet HTML 5Page - Analog Devices ADN2913ACPZ Datasheet HTML 6Page - Analog Devices ADN2913ACPZ Datasheet HTML 7Page - Analog Devices ADN2913ACPZ Datasheet HTML 8Page - Analog Devices ADN2913ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Data Sheet
ADN2913
Rev. A | Page 3 of 37
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VCCMIN to VCCMAX, VCC1 = VCC1MIN to VCC1MAX, VDD = VDDMIN to VDDMAX, VEE = 0 V, input data
pattern: PRBS 223 − 1, ac-coupled, I2C register default settings, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DATA RATE SUPPORT RANGE
0.0065
8.5
Gbps
INPUT—DC CHARACTERISTICS
Peak-to-Peak Differential Input1
PIN − NIN
1.0
V
Input Resistance
Differential
95
100
105
Ω
0 dB EQ PATH—CML INPUT
Input Voltage Range
At PIN or NIN, dc-coupled, RX_TERM_FLOAT = 1
(float)
0.5
VCC
V
Input Common-Mode Level
DC-coupled (see Figure 33), 600 mV p-p differential,
RX_TERM_FLOAT = 1 (float)
0.65
VCC − 0.15
V
Differential Input Sensitivity
OC-48
22
mV p-p
8GFC2
Jitter tolerance scrambled pattern (JTSPAT),
ac-coupled, RX_TERM_FLOAT = 0 (VCM = 1.2 V),
BER = 1 × 10−12
200
mV p-p
LIMITING AMPLIFIER INPUT PATH
Differential Input Sensitivity
OC-48
BER = 1 × 10−10
6.3
mV p-p
8GFC2
JTSPAT, BER = 1 × 10−12
8.3
mV p-p
EQUALIZER INPUT PATH
Differential Input Sensitivity
15 inch FR-4, 100 Ω differential transmission line,
adaptive equalizer (EQ) on
8GFC2
JTSPAT, BER = 1 × 10−12
115
mV p-p
INPUT—AC CHARACTERISTICS
S11
At 7.5 GHz, differential return loss, see Figure 14
−12
dB
LOSS OF SIGNAL (LOS) DETECT
Loss of Signal Detect
10
mV p-p
Loss of signal minimum program value
5
mV p-p
Loss of signal maximum program value
128
mV p-p
Hysteresis (Electrical)
5.7
dB
LOS Assert Time
AC-coupled3
135
μs
LOS Deassert Time
AC-coupled3
110
μs
LOSS OF LOCK (LOL) DETECT
DCO Frequency Error for LOL Assert
With respect to nominal, data collected in lock to
reference (LTR) mode
1000
ppm
DCO Frequency Error for LOL Deassert
With respect to nominal, data collected in LTR mode
250
ppm
LOL Assert Response Time
10.0 Mbps
10
ms
2.5 Gbps
51
μs
8.5 Gbps, JTSPAT
25
μs
ACQUISITION TIME
Lock to Data (LTD) Mode
10.0 Mbps
24
ms
2.5 Gbps
0.5
ms
8.5 Gbps, JTSPAT
0.5
ms
Optional LTR Mode4
6.0
ms
DATA RATE READBACK ACCURACY
Coarse Readback
±5
%
Fine Readback
In addition to reference clock accuracy
±100
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com