công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF3827 bảng dữ liệu(PDF) 4 Page - RF Micro Devices

tên linh kiện RF3827
Giải thích chi tiết về linh kiện  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3827 bảng dữ liệu(HTML) 4 Page - RF Micro Devices

  RF3827_14 Datasheet HTML 1Page - RF Micro Devices RF3827_14 Datasheet HTML 2Page - RF Micro Devices RF3827_14 Datasheet HTML 3Page - RF Micro Devices RF3827_14 Datasheet HTML 4Page - RF Micro Devices RF3827_14 Datasheet HTML 5Page - RF Micro Devices RF3827_14 Datasheet HTML 6Page - RF Micro Devices RF3827_14 Datasheet HTML 7Page - RF Micro Devices RF3827_14 Datasheet HTML 8Page - RF Micro Devices RF3827_14 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RF3827
DS141203
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1GND
Keep traces physically short. Connect this pin to the ground plane with a
via.
2NC
No internal connection. Externally connected to RF input trace.
3RF IN
RF input pin. This pin is internally DC blocked. An external DC blocking
capacitor is not required.
4NC
No connection. This pin should be connected to the ground plane.
5NC
No connection. This pin should be connected to the ground plane.
6NC
No connection. This pin should be connected to the ground plane.
7NC
No connection. This pin should be connected to the ground plane.
8NC
No connection. This pin should be connected to the ground plane.
9NC
No connection. This pin should be connected to the ground plane.
10
NC
No internal connection. Externally connected to RF output trace.
11
RF OUT
RF output and bias pin. Because DC is present on this pin, a DC blocking
capacitor, suitable for the frequency of operation, should be used in most
applications. For biasing, only an RF choke is needed.
12
NC
No connection. This pin should be connected to the ground plane.
13
NC
No connection. This pin should be connected to the ground plane.
14
NC
No connection. This pin should be connected to the ground plane.
15
NC
No connection. This pin should be connected to the ground plane.
16
NC
No connection. This pin should be connected to the ground plane.
Pkg
Base
GND
RF OUT
RF IN



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com