| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DTC114ESA bảng dữ liệu(PDF) 1 Page - Nanjing International Group Co |
|
|
|||||||||||||||||||||||||||||
DTC114ESA bảng dữ liệu(HTML) 1 Page - Nanjing International Group Co |
|
1 / 3 page ![]() Digital transistors (built-in resistors) DTC114EM/DTC114EE/DTC114EUA DTC114EKA /DTC114ECA /DTC114ESA DIGITAL TRANSISTOR (NPN) FEATURES 1. Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors(see equivalent circuit) 2. The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input.They also have the advantage of almost completely eliminating parasitic effects 3. Only the on/off conditions need to be set for operation, making device design easy PIN CONNENCTIONS AND MARKING SOT-523 SOT-323 SOT-23 TO-92S SOT-23 SOT-23-3L DTC114EE DTC114EUA DTA114ECA DTC114ECA DTC114EKA DTC114ESA Addreviated symbol: 24 Addreviated symbol: 24 Addreviated symbol: 24 Addreviated symbol: 24 Addreviated symbol: 24 SOT- 723 DTC114EM Addreviated symbol: 24 B,Jul,2011 DONGGUAN NANJING ELECTRONICS LTD., |
Số phần tương tự - DTC114ESA |
|
Mô tả tương tự - DTC114ESA |