| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLNETCARD bảng dữ liệu(PDF) 2 Page - Tripp Lite. All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
TLNETCARD bảng dữ liệu(HTML) 2 Page - Tripp Lite. All Rights Reserved |
|
2 / 2 page ![]() Lets IT managers remotely monitor site electrical data, UPS device status and logged power-related events Allows for rebooting of locked network equipment without disrupting power to other loads(when used with controllable outlets or remotely switchable outlets on select UPS systems) Supports an optional TLNETEM module for monitoring ambient temperature and humidity, as well as up to four alarm, security and telecom devices Flexible Access Three tiers of permissions can be assigned to users for monitoring or controlling the UPS Multiple users can view activity simultaneously Monitor and manage remotely via Telnet, SNMP, SSH or the web(Java Runitme Environment not required) Import an SSL Certificate for encrypted web browser use Advanced Network Management Tools The TLNET Shutdown Agent software enables shut down of remote operating systems over the network The TLNET Configurator utility allows users to push configurations and firmware updates onto one or more TLNETCARDs Both the TLNET Shutdown Agent and TLNET Configurator can be downloaded for free from the TLNETCARD Support page. Broad Compatibility Supports multiple protocols, including IPv6, HTTP, HTTPS, SMTP, SNMPv1, SNMPv3, Telnet, SSH, FTP, DHCP, BOOTP and SCP 10/100 Mbps auto-sensing ensures optimal communication compatibility with current 10/100 Base-T network DHCP/manual configuration support enables automatic or manual assignment of network settings * See Resources section for a list of compatible devices Specifications OVERVIEW Power Management Type Hardware WARRANTY Product Warranty Period (Worldwide) 2-year limited warranty © 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice. Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies: http://www.tripplite.com/products/product-certification-agencies 2 / 2 |