công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI3WVR12412 bảng dữ liệu(PDF) 3 Page - Pericom Semiconductor Corporation

tên linh kiện PI3WVR12412
Giải thích chi tiết về linh kiện  HDMI 2.0, DisplayPort 1.2 Video Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR12412 bảng dữ liệu(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3WVR12412 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
PI3WVR12412
HDMI 2.0, DisplayPort 1.2 Video Switch
www.pericom.com
04/29/14
pin#
pin Name
Signal Type
Description
1
GND
Ground
Ground
2
GPU_SEL
I
switch logic control
3
D0-
I/O
negative differential signal 0 for COM port
4
D0+
I/O
positive differential signal 0 for COM port
5
DDC/ AUX_HPD_SEL
I
Switch logic control for DDC/ AUX and HPD
6
D1-
I/O
negative differential signal 1 for COM port
7
D1+
I/O
positive differential signal 1 for COM port
8
D2-
I/O
negative differential signal 2 for COM port
9
D2+
I/O
positive differential signal 2 for COM port
10
D3-
I/O
negative differential signal 3 for COM port
11
D3+
I/O
positive differential signal 3 for COM port
12
VDD
Power
3.3V +/-10% power supply
13
SDA/ AUX-
I/O
SDA signal for DDC COM port, or negative differential signal for AUX
COM port
14
SCL/ AUX+
I/O
SCLl signal for DDC COM port, or positive differential signal for AUX
COM port
15
HPD_B
I/O
HPD for port B
16
HPD_A
I/O
HPD for port A
17
GND
Ground
Ground
18
HPD
I/O
HPD for COM port
19
SDA_B/ AUX-_B
I/O
SDA signal for DDC, port B, or negative differential signal for AUX COM
port
20
SCL_B/ AUX+_B
I/O
SCL signal for DDC, port B, or positive differential signal for AUX COM
port
21
VDD
Power
3.3V +/-10% power supply
22
GND
Ground
Ground
23
SCL_A/ AUX+_A
I/O
SCL signal for DDC, port A, or positive differential signal for AUX COM
port
24
SDA_A/ AUX-_A
I/O
SDA signal for DDC, port A, or negative differential signal for AUX COM
port
25
OE
I
output enable. if OE is high, IC is enabled. if OE is low, IC is power down
and all I/Os are Hi-Z
26
D3+B
I/O
positive differential signal 3 for portB
27
D3-B
I/O
negative differential signal 3 for portB
28
D2+B
I/O
positive differential signal 2 for portB
29
D2-B
I/O
negative differential signal 2 for portB
30
D1+B
I/O
positive differential signal 1 for portB
31
D1-B
I/O
negative differential signal 1 for portB
Pin Description
14-0056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com