công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI3VDP3212ZLE bảng dữ liệu(PDF) 1 Page - Pericom Semiconductor Corporation

tên linh kiện PI3VDP3212ZLE
Giải thích chi tiết về linh kiện  2-Lane DisplayPort Rev 1.2 Compliant Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP3212ZLE bảng dữ liệu(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3VDP3212ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
11/11/13
Features
Î
Î
2-lane, 1:2 mux/demux that will support RBR, HBR1, or
HBR2
Î
Î
1-channel 1:2 mux/demux for DP_HPD signal
Î
Î
1-differential channel 1:2 mux/demux for DP_Aux signal
with support up to 720Mbps
Î
Î
Insertion Loss for high speed channels @ 2.7 GHz: -1.7dB
Î
Î
-3dB Bandwidth for high speed channels: 4.7GHz
Î
Î
Return loss for high speed channels @ 2.7GHz: -16dB
Î
Î
Low Bit-to-Bit Skew , 7ps max (between '+' and '-' bits)
Î
Î
Low Crosstalk for high speed channels: -25dB@5.4 Gbps
Î
Î
Low Off Isolation for high speed channels: -25dB@5.4 Gbps
Î
Î
VDD Operating Range: 3.3V +/-10%
Î
Î
ESD Tolerance: 2kV HBM
Î
Î
Low channel-to-channel skew, 35ps max
Î
Î
Packaging (Pb-free & Green):
à
32 TQFN (ZL)
Description
Pericom Semiconductor’s PI3VDP3212 mux/demux is targeted
for next generation digital video signals. This device can be used
to connect a DisplayPort™ Source to two Independent Display-
Port Sinks or to connect two DisplayPort sources to a single DP
display.
The newly released DisplayPort spec requires a data rate of 5.4
Gbps. Pericom's solution has been specifically designed around
this standard and will support such signals.
Application
Routing of DisplayPort signals with low signal attenuation be-
tween source and sink.
Block Diagram
PI3VDP3212
2-Lane DisplayPort™ Rev 1.2 Compliant Switch
D0+
D0
D1+
D1
AUX+
AUX-
HPD
D0+A
D0
-A
D1+A
D1
-A
D0+B
D0-B
D1+B
D1-B
-
-
Logic
Control
OE
AUX+ A
AUX-A
HPD A
AUX+ B
AUX- B
HPD B
SEL
AUX_SEL
13-0166


Số phần tương tự - PI3VDP3212ZLE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PI3VDP3212 PERICOM-PI3VDP3212 Datasheet
1Mb / 20P
HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
More results

Mô tả tương tự - PI3VDP3212ZLE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
DisplayPort Lane Extender
November 19, 2009
QLX4270-DP INTERSIL-QLX4270-DP_10 Datasheet
246Kb / 7P
DisplayPort Lane Extender
logo
Texas Instruments
HD3SS212 TI1-HD3SS212 Datasheet
262Kb / 12P
5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
logo
Pericom Semiconductor C...
PI3VDP612-A PERICOM-PI3VDP612-A Datasheet
91Kb / 2P
4-Lane DisplayPort Rev 1.1a Compliant Switch with Triple Control Logic for Fast Switching
PI3VDP612-A PERICOM-PI3VDP612-A_11 Datasheet
1Mb / 16P
4-Lane DisplayPort Rev 1.1a Compliant Switch with Triple Control Logic for Fast Switching
PI3VDP12412 PERICOM-PI3VDP12412 Datasheet
927Kb / 12P
4-Lane DisplayPort Rev 1.2 Compliant Switch
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Renesas Technology Corp
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
DisplayPort Lane Extender
logo
Texas Instruments
HD3SS212 TI-HD3SS212_V01 Datasheet
1Mb / 26P
HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
logo
Diodes Incorporated
PI3VDP12412 DIODES-PI3VDP12412 Datasheet
926Kb / 12P
4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com