| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI3CH1012QEX bảng dữ liệu(PDF) 7 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI3CH1012QEX bảng dữ liệu(HTML) 7 Page - Pericom Semiconductor Corporation |
|
7 / 7 page ![]() ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| 2015-07-0011 PT0466-3 08/05/15 7 PI3CH1012 10-Bit Bus Switch, 2-Enable High and Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug Mechanical Information 24-Pin QSOP(Q) Ordering Information Part No. Package Cede Package PI3CH1012QE Q Lead free and Green 24-Pin QSOP PI3CH1012QEX Q Lead free and Green 24-Pin QSOP , Tape&Reel Note: E = Pb-free & Green Adding X Suffix= Tape/Reel Pericom Semiconductor Corporation 1-800-435-2336 www.pericom.com Pericom reserves the right to make changes to its products or specifications at any time, without notice, in order to improve design or performance and to supply the best possible product. Pericom does not assume any responsibility for use of any circuitry described other than the circuitry embodied in Pericom product. The company makes no representations that circuitry described herein is free from patent infringement or other rights, of Pericom. |