công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12H038CIWM bảng dữ liệu(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện ADC12H038CIWM
Giải thích chi tiết về linh kiện  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12H038CIWM bảng dữ liệu(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC12H038CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC12H038CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC12H038CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC12H038CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC12H038CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC12H038CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC12H038CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC12H038CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC12H038CIWM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for V
+ =V
A+=VD+ = +5.0 VDC,VREF+ = +4.096 VDC,VREF−=0 VDC, 12-bit + sign conver-
sion mode, f
CK =fSK = 8 MHz for the ADC12H030, ADC12H032, ADC12H034 and ADC12H038, fCK =fSK = 5 MHz for the
ADC12030, ADC12032, ADC12034 and ADC12038, R
S =25
Ω, source impedance for V
REF+ and VREF−
≤ 25Ω, fully-differential
input with fixed 2.048V common-mode voltage, and 10(t
CK) acquisition time unless otherwise specified. Boldface limits apply
for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
(Limits)
REFERENCE INPUT, ANALOG INPUTS AND MULTIPLEXER CHARACTERISTICS
C
CH
CH0–CH7 and COM
Input Capacitance
10
pF
C
MUXOUT
MUX Output Capacitance
20
pF
Off Channel Leakage (Note 16)
On Channel = 5V and
−0.01
−0.3
µA (min)
CH0–CH7 and COM Pins
Off Channel = 0V
On Channel = 0V and
0.01
0.3
µA (max)
Off Channel = 5V
On Channel Leakage (Note 16)
On Channel = 5V and
0.01
0.3
µA (max)
CH0–CH7 and COM Pins
Off Channel = 0V
On Channel = 0V and
−0.01
−0.3
µA (min)
Off Channel = 5V
MUXOUT1 and MUXOUT2
V
MUXOUT = 5.0V or
0.01
0.3
µA (max)
Leakage Current
V
MUXOUT =0V
R
ON
MUX On Resistance
V
IN = 2.5V and
850
1150
Ω (max)
V
MUXOUT = 2.4V
R
ON Matching Channel
V
IN = 2.5V and
5
%
to Channel
V
MUXOUT = 2.4V
Channel to Channel Crosstalk
V
IN =5 VPP,fIN = 40 kHz
−72
dB
MUX Bandwidth
90
kHz
DC and Logic Electrical Characteristics
The following specifications apply for V
+ =V
A+=VD+ = +5.0 VDC,VREF+ = +4.096 VDC,VREF−=0 VDC, 12-bit + sign conver-
sion mode, f
CK =fSK = 8 MHz for the ADC12H030, ADC12H032, ADC12H034 and ADC12H038, fCK =fSK = 5 MHz for the
ADC12030, ADC12032, ADC12034 and ADC12038, R
S =25
Ω, source impedance for V
REF+ and VREF−
≤ 25Ω,
fully-differential input with fixed 2.048V common-mode voltage, and 10(t
CK) acquisition time unless otherwise specified. Bold-
face limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 10)
(Note 11)
(Limits)
CCLK, CS, CONV, DI, PD AND SCLK INPUT CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
+ = 5.5V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
+ = 4.5V
0.8
V (max)
I
IN(1)
Logical “1” Input Current
V
IN = 5.0V
0.005
1.0
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−0.005
−1.0
µA (min)
DO, EOC AND DOR DIGITAL OUTPUT CHARACTERISTICS
V
OUT(1)
Logical “1” Output Voltage
V
+ = 4.5V, I
OUT = −360 µA
2.4
V (min)
V
+ = 4.5V, I
OUT = − 10 µA
4.25
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
+ = 4.5V, I
OUT = 1.6 mA
0.4
V (max)
I
OUT
TRI-STATE® Output Current
V
OUT = 0V
−0.1
−3.0
µA (max)
V
OUT = 5V
0.1
3.0
µA (max)
+I
SC
Output Short Circuit Source Current
V
OUT =0V
14
6.5
mA (min)
−I
SC
Output Short Circuit Sink Current
V
OUT =VD+16
8.0
mA (min)
POWER SUPPLY CHARACTERISTICS
I
D+
Digital Supply Current
Awake
1.6
2.5
mA (max)
ADC12030, ADC12032, ADC12034
CS = HIGH, Powered Down, CCLK on
600
µA
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com