| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI3USB3102 bảng dữ liệu(PDF) 2 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI3USB3102 bảng dữ liệu(HTML) 2 Page - Pericom Semiconductor Corporation |
|
2 / 11 page ![]() 2 PI3USB3102 USB3.0 and 2.0 Combo switch 11/09/12 Pin Assignment (TQFN-32) Tx- Tx+ SS_SEL Rx+ Rx- D- D+ Rx-A Rx+A Tx-B Tx+B GND Rx-B Rx+B OE 1 2 3 4 5 6 7 8 9 10 11 27 26 25 24 23 22 21 20 19 18 17 USB_ID USB_IDA D-A D+A GND VDD VDD VDD OE SS_SEL HS_SEL Function Low Low Low Port A active for all channels Low Low High Port A for SS, port B for HS and ID Low High Low Port B for SS, port A for HS and ID Low High High Port B active for all channels High x x I/O's are hi-z and IC is power down Truth Table 12-0264 |