công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI3PCIE3242ZLE bảng dữ liệu(PDF) 4 Page - Pericom Semiconductor Corporation

tên linh kiện PI3PCIE3242ZLE
Giải thích chi tiết về linh kiện  3.3V PCI Express 3.0 4 Channel 2x2 Exchange Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE3242ZLE bảng dữ liệu(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3PCIE3242ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3PCIE3242ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PCIE3242ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PCIE3242ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PCIE3242ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE3242ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE3242ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE3242ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE3242ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.pericom.com
06/02/2014
All trademarks are property of their respective owners.
PI3PCIE3242
3.3V PCI Express® 3.0 4 Channel 2x2 Exchange Switch
DC Electrical Characteristics for Switching over Operating Range
Param-
eters
Description
Test Conditions(1)
Min
Typ(1) Max
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
0.65 x
VDD
V
VIL
Input LOW Voltage
Guaranteed LOW level
–0.5
0.35 x
VDD
VIK
Clamp Diode Voltage
VDD = Max., IIN = –18mA
–0.7
–1.2
IIH
Input HIGH Current, SEL
VDD = Max., VIN = VDD
–10
+10
µA
IIL
Input LOW Current, SEL
VDD = Max., VIN = GND
–10
+10
IIH
Input HIGH Current, AX, BX, CX, DX
VDD = Max., VIN = 1.8V
–10
+10
µA
IIL
Input LOW Current, AX, BX, CX ,DX
VDD = Max., VIN = 0V
–10
+10
Note:
1.
Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
Switching Characteristics
Parameters
Description
Test Conditions
Min. Typ.
Max. Units
tPZH, tPZL
Line Enable Time - SEL to AN, BN, CN, DN
0.5
45
ns
tPHZ, tPLZ
Line Disable Time - SEL to AN, BN, CN, DN
0.5
25
tb-b
Bit-to-bit skew within the same differential pair
10
ps
tch-ch
Channel-to-channel skew
20
Electrical Characteristics Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
3.3V Power Supply
3.0
3.3
3.6
V
IDD
Total current from VDD
3.3V supply
SEL and OE# at OV or VDD
200
μA
TCASE
Case temperature range
for operation within spec.
-40
85
Celsius
Storage Temperature ....................................................–65°C to +150°C
Supply Voltage to Ground Potential ................................–0.5V to +4.6V
DC Input Voltage .............................................................. –0.5V to VDD
DC Output Current .......................................................................120mA
Power Dissipation ...........................................................................0.5W
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
14-0087



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com