| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC14061CCVT bảng dữ liệu(PDF) 15 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
ADC14061CCVT bảng dữ liệu(HTML) 15 Page - National Semiconductor (TI) |
|
15 / 20 page ![]() Applications Information (Continued) 3.1 The reference output voltages are made available only for the purpose of bypassing with capacitors. These pins should not be loaded with more than 10 µA DC. These output voltages are described as V REF+ OUT = VCM + 1 ⁄2V REF V REF− OUT = VCM − 1 ⁄2V REF where V REF = (VREF+ IN)−(VREF+ IN) V REF (MID) = (VREF+ OUT +VREF− OUT)/2. To avoid signal clipping and distortion, V REF+ OUT should not exceed 3.3V, V REF− OUT should not be below 750 mV and V CM should be held in the range of 1.8V to 2.2V. 3.2 The /EOC output goes low to indicate the presence of valid data at the output data lines. Valid data is present the entire time that this signal is low except during reset. Corrupt or irrelevant data may appear at the data outputs when the RESET pin or the CAL pin is high. 3.3 The Data Outputs are TTL/CMOS compatible. The out- put data format is two’s complement. Valid data is present at these outputs while the EOC pin is low. While the t EOCL time and the t DATA_VALID time provide information about output timing, a simple way to capture a valid output is to latch the data on the rising edge of the CLOCK (pin 10). Also helpful in minimizing noise due to output switching is to minimize the load currents at the digital outputs. This can be done by connecting buffers between the ADC outputs and any other circuitry. Only one input should be connected to each output pin. Additionally, inserting series resistors of 47 or 56 Ohms at the digital outputs, close to the ADC pins, will isolate the outputs from other circuitry and limit output cur- rents. (See Figure 6). 4.0 POWER SUPPLY CONSIDERATIONS Each power supply pin should be bypassed with a parallel combination of a 10 µF capacitor and a 0.1 µF ceramic chip capacitor. The chip capacitors should be within 1⁄2 centimeter of the power pins. Leadless chip capacitors are preferred be- cause they provide low lead inductance. While a single 5V source is used for the analog and digital supplies of the ADC14061, these supply pins should be well isolated from each other to prevent any digital noise from be- ing coupled to the analog power pins. Supply isolation with ferrite beads is shown in Figure 6 and Figure 8. As is the case with all high-speed converters, the ADC14061 is sensitive to power supply noise. Accordingly, the noise on the analog supply pin should be kept below 100 mV P-P. No pin should ever have a voltage on it that is in excess of the supply voltages, not even at power up. The V D I/O provides power for the output drivers and may be operated from a supply in the range of 3.0V to the V D supply (nominal 5V). This can simplify interfacing to 3.0 Volt devices and systems. Powering V D I/O from 3 Volts will also reduce power consumption and noise generation due to output switching. DO NOT operate the V D I/O at a voltage higher than V D or VA. DS100103-19 FIGURE 6. Simple application circuit with single-ended to differential buffer. www.national.com 15 |